Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 40Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 41Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 42Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 43Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 44Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 45Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 46Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 47Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
www.ti.com
3.2.2
Camera Interface (I/F)
Table 3-2. Camera I/F Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
CAMERA I/F
VOUT[0]_FLD/
VOUT[0], GPMC, UART2,
CAM_PCLK/
IPD
GP2
GPMC_A[12]/
AF18
I
Camera Pixel Clock.
DVDD_C
PINCNTL175
UART2_RTS/
DSIS: 0
GP2[2]
VIN[0]A_D[23]/
VIN[0]A, EMAC[1], SPI[3],
CAM_D[15]/
IPD
GP0
EMAC[1]_RMTXEN/
AC16
I
DVDD_C
PINCNTL163
SPI[3]_D[0]/
DSIS: PIN
GP0[17]
VIN[0]A_D[22]/
VIN[0]A, EMAC[1]_RM,
CAM_D[14]/
IPD
SPI[3], GP0
EMAC[1]_RMTXD[1]/
AC21
I
DVDD_C
PINCNTL162
SPI[3]_D[1]/
DSIS: PIN
GP0[16]
VIN[0]A_D[21]/
VIN[0]A, EMAC[1]_RM,
CAM_D[13]/
IPD
SPI[3], GP0
EMAC[1]_RMTXD[0]/
AE18
I
DVDD_C
PINCNTL161
SPI[3]_SCLK/
DSIS: PIN
GP0[15]
VIN[0]A_D[20]/
VIN[0]A, EMAC[1]_RM,
CAM_D[12]/
IPD
SPI[3], GP0
EMAC[1]_RMCRSDV/
AC17
I
DVDD_C
PINCNTL160
SPI[3]_SCS[0]/
DSIS: PIN
Camera data inputs
GP0[14]
VIN[0]A_D[19]/
VIN[0]A, EMAC[1]_RM,
CAM_D[11]/
IPU
I2C[3], GP0
EMAC[1]_RMRXD[0]/
AF21
I
DVDD_C
PINCNTL159
I2C[3]_SDA/
DSIS: PIN
GP0[13]
VIN[0]A_D[18]/
VIN[0]A, EMAC[1]_RM,
CAM_D[10]/
IPU
I2C[3], GP0
EMAC[1]_RMRXD[1]/
AF20
I
DVDD_C
PINCNTL158
I2C[3]_SCL/
DSIS: PIN
GP0[12]
VIN[0]A_D[17]/
VIN[0]A, EMAC[1]_RM,
CAM_D[9]/
IPD
GP0
AB21
I
EMAC[1]_RMRXER/
DVDD_C
PINCNTL157
GP0[11]
DSIS: PIN
VIN[0]A_D[16]/
VIN[0]A, I2C[2], GP0
CAM_D[8]/
IPU
AA21
I
PINCNTL156
I2C[2]_SCL/
DVDD_C
DSIS: PIN
GP0[10]
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see , Pullup/Pulldown Resistors and , Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
44
Device Pins
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com