Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 51Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 52Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 53Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 54Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 55Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 56Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 57Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 58Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
Table 3-5. LPDDR/DDR2/DDR3 Memory Controller 1 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
IPD
DDR[1]_D[15]
A5
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[14]
A4
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[13]
C4
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[12]
B4
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[11]
A2
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[10]
C3
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[9]
D5
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[8]
C2
I/O
DVDD_DDR[1]
DDR[1] Data Bus
IPD
DDR[1]_D[7]
C1
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[6]
D3
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[5]
E4
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[4]
F5
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[3]
E1
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[2]
E2
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[1]
F3
I/O
DVDD_DDR[1]
IPD
DDR[1]_D[0]
E3
I/O
DVDD_DDR[1]
DDR[1]_VTP
B1
I
DDR[1] VTP Compensation Resistor Connection
DVDD_DDR[1]
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
55
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com