Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 55Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 56Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 57Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 58Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 59Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 60Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 61Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 62Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
Table 3-7. EMAC[0] Terminal Functions [(R)(G)MII] (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
EMAC[0]_MTXD[7]/
EMAC[1],
EMAC[1]_RGTXD[3]/
GPMC, UART1
EMAC[1]_RMTXD[1]/
H24
PINCNTL257
GPMC_A[14]/
DSIS: N/A
UART1_CTS
EMAC[0]_MTXD[6]/
EMAC[1],
EMAC[1]_RGRXD[0]/
GPMC, UART1
EMAC[1]_RMTXD[0]/
J22
PINCNTL256
GPMC_A[13]/
DSIS: N/A
UART1_TXD
EMAC[0]_MTXD[5]/
EMAC[1],
EMAC[1]_RGTXC/
GPMC, UART1
EMAC[1]_RMCRSDV/
F27
PINCNTL255
GPMC_A[12]/
DSIS: N/A
UART1_RXD
EMAC[0]_MTXD[4]/
EMAC[1],
EMAC[1]_RGTXD[2]/
GPMC, UART4
EMAC[1]_RMRXER/
G23
[G]MII Transmit Data [7:0]. For 1000 EMAC GMII
PINCNTL254
GPMC_A[11]/
IPD
operation, EMAC[0]_TXD[7:0] are used. For 10/100
DSIS: N/A
O
UART4_RTS
DVDD_GPMC
EMAC MII operation, only EMAC[0]_TXD[3:0] are
used.
EMAC[0]_MTXD[3]/
EMAC[1],
EMAC[1]_RGTXD[0]/
GPMC, UART4
EMAC[1]_RMRXD[1]/
H23
PINCNTL253
GPMC_A[10]/
DSIS: N/A
UART4_CTS
EMAC[0]_MTXD[2]/
EMAC[1],
EMAC[1]_RGTXCTL/
GPMC, UART4
EMAC[1]_RMRXD[0]/
H22
PINCNTL252
GPMC_A[9]/
DSIS: N/A
UART4_TXD
EMAC[0]_MTXD[1]/
EMAC[1],
EMAC[1]_RGTXD[1]/
GPMC, UART4
H25
GPMC_A[8]/
PINCNTL251
UART4_RXD
DSIS: N/A
EMAC[0]_MTXD[0]/
EMAC[1],
EMAC[1]_RGRXD[3]/
GPMC, UART4
J24
GPMC_A[7]/
PINCNTL250
SPI[2]_D[0]
DSIS: N/A
EMAC[0]_MTXEN/
EMAC[1],
EMAC[1]_RGRXD[2]/
IPD
GPMC, UART4
EMAC[1]_RMTXEN/
J23
O
[G]MII Transmit Data Enable output
DVDD_GPMC
PINCNTL258
GPMC_A[15]/
DSIS: N/A
UART1_RTS
EMAC[0] RMII Mode
TBD
These pin functions are available only when RMII mode is selected.
RMII Reference Clock (EMAC[0] and EMAC[1] RMII
mode)
Regardless of EMAC[0] RMII Mode, the GMII_EN bit
EMAC_RMREFCLK/
TIMER2, GP1
in the MACCONTROL register, of the Control
IPD
TIM2_IO/
J27
I/O
PINCNTL232
Module, configures the RMREFCLK pin function as
DVDD_GPMC
GP1[10]
DSIS: PIN
an INPUT or OUTPUT clock reference. During RMII
ROM Boot, the RMREFCLK pin function is
configured as an OUTPUT clock reference (driving
50 MHz).
EMAC[0]_MRCLK/
EMAC[0],
EMAC[0]_RGTXC/
VIN[1]B, SPI[3],
VIN[1]B_D[4]/
IPD
H27
I
GP3
RMII Carrier Sense input
EMAC[0]_RMCRSDV/
DVDD_GPMC
PINCNTL239
SPI[3]_SCS[2]/
DSIS: 0
GP3[27]
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
59
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com