Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 3Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 4Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 5Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 6Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 7Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 8Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 9Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 10Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPRS647A device-specific
data manual to make it an SPRS647B revision.
Scope: Applicable updates to the DM814x DaVinci
™ DMP device family, specifically relating to the
TMS320DM8147/8 devices (all Silicon Revisions 2.1) which is now in the product preview (PP) stage of
development have been incorporated.
Exposed DSP L3 Master/Slave, L4 Peripheral Connectivity, and L4 Fast/Slow Peripheral Memory
Maps for McASPx, McBSP, UARTx, I2Cx, SPIx, EDMA, GPIO/INT, DDRx, GPMC, EMAC, PCIe,
Timers, and USBx
Deleted CYE-01 mechanical package (thicker flat lid version); only the thinner top hat version now
supported
Updated/Changed the VOUT[x]_CLK signal to be negative-edge clocking [FAE ALERT]
Updated/Changed "TBD" values in some Peripheral Electrical Data/Timing Sections
Updated/Changed Technical Reference Manual (TRM) document title references and referenced
specific chapters.
Deleted Case temperature ranges in Section 6, Device Operating Conditions.
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Updated/Changed "HDVICP" to "HDVICP2", where applicable.
Global
HD Video Processing Subsystem (HDVPSS) bullet:
Added "With Integrated PHY" to the "Digital HDMI 1.3 transmitter" sub-bullet
Section 1.1
Features
Updated/Changed the "Ethernet Switch With Dual 10/100/1000 Mb/s External I/Fs (EMAC SW) bullet
to "Dual Port Ethernet (10/100/1000 Mb/s) With Optional Switch"
Figure 1-1, TMS320DM814x DaVinci
™ Digital Media Processors Functional Block Diagram:
Section 1.4
Functional Block Diagram
Added associated peripherals supported device-specific footnotes
Section 2.12.1, L3 Memory Map:
Section 2.12.1
L3 Memory Map
Added the "Table 2-3 also shows the C674x DSP which ..." sentence to the paragraph
Section 2.12.3.1, L4 Fast Peripheral Memory Map:
Deleted the START/END HEX ADDRESS ranges of the "C647x DSP" column for locations not
Section 2.12.3.1
accessible by the C647x DSP
L4 Fast Peripheral
Exposed DSP access for McASPx, McBSP, UARTx, I2Cx, SPIx, EDMA, GPIO/INT, DDRx, GPMC,
Memory Map
EMAC, PCIe, Timers, and USBx only
Table 2-6, L4 Slow Peripheral Memory Map:
Deleted the START/END HEX ADDRESS ranges of the "C647x DSP" column for locations not
Section 2.12.3.2
accessible by the C647x DSP
L4 Slow Peripheral
Exposed DSP access for McASP, McBSP, UART, I2C, SPI, EDMA, GPIO/INT, GPMC, EMAC,
Memory Map
PCIe, Timers, and USB only
Table 3-25, RESET, Interrupts, and JTAG Terminal Functions:
Section 3.2.14
Updated/Changed the EMU2 (AG7), EMU3 (AH7), EMU4 (AD9) de-selected input state from
Reset, Interrupts, and
"DSIS: 1" to "DSIS: PIN"
JTAG Interface
Table 3-30, SPI 0 Terminal Functions
Updated/Changed the SPI[0]_SCS[1] (AE5), SPI[0]_SCS[2] (AG4), SPI[0]_SCS[3] (AH4)
Section 3.2.17
de-selected input state from "DSIS: 1" to "DSIS: PIN"
SPI
Copyright
© 2011, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com