Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 75 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 71Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 72Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 73Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 74Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 75Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 76Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 77Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 78Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
Table 3-11. GP1 Terminal Functions (continued)
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
SD2_DAT[1]_SDIRQ
SD2, GPMC
IPU
/
PINCNTL119
M24
I/O
DVDD_GP
GPMC_A[3]/
DSIS: PIN
MC
GP1[13]
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 13.
GPMC, TIMER2
GPMC_A[18]/
IPD
PINCNTL107
TIM2_IO/
AE28
I/O
DVDD_GP
DSIS: PIN
GP1[13]
MC
MM: MUX0
VIN[0]A
VIN[0]A_D[1]/
IPD
PINCNTL141
AB11
I/O
GP1[12]
DVDD
DSIS: PIN
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 12.
MDIO
IPU
MDIO/
PINCNTL234
P24
I/O
DVDD_GP
GP1[12]
DSIS: PIN
MC
MM: MUX0
VIN[0]A
VIN[0]A_D[0]/
IPD
PINCNTL140
AF9
I/O
GP1[11]
DVDD
DSIS: PIN
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 11.
MDIO
IPU
MDCLK/
PINCNTL233
H28
I/O
DVDD_GP
GP1[11]
DSIS: PIN
MC
MM: MUX0
PINCNTL65
IPU
GP1[10]
V2
I/O
DSIS: PIN
DVDD_M
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 10.
EMAC, TIMER2
EMAC_RMREFCLK/
IPD
PINCNTL232
TIM2_IO/
J27
I/O
DVDD_GP
DSIS: PIN
GP1[10]
MC
MM: MUX0
PINCNTL64
IPD
GP1[9]
V1
I/O
DSIS: PIN
DVDD_M
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 9.
VIN[0]B, CLKOUT0
VIN[0]B_CLK/
IPD
PINCNTL134
CLKOUT0/
AE17
I/O
DVDD
DSIS: PIN
GP1[9]
MM: MUX0
PINCNTL63
IPU
GP1[8]
W2
I/O
DSIS: PIN
DVDD_M
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 8.
GPMC, SD2
GPMC_CS[4]/
IPU
PINCNTL126
SD2_CMD/
P25
I/O
DVDD_GP
DSIS: PIN
GP1[8]
MC
MM: MUX0
PINCNTL62
IPD
GP1[7]
W1
I/O
DSIS: PIN
DVDD_M
MM: MUX1
DEVOSC, SPI[1],
General-Purpose Input/Output (I/O) 1 [GP1] pin 7.
DEVOSC_WAKE/
TIMER5
SPI[1]_SCS[1]/
IPU
W6
I/O
PINCNTL7
TIM5_IO/
DVDD_SD
DSIS: PIN
GP1[7]
MM: MUX0
SPI[0]_SCS[1]/
SD1_SDCD/
SPI[0], SD1, SATA,
SATA_ACT0_LED/
IPU
EDMA, TIMER4
AE5
I/O
General-Purpose Input/Output (I/O) 1 [GP1] pin 6.
EDMA_EVT1/
DVDD
PINCNTL80
TIM4_IO/
DSIS: PIN
GP1[6]
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
75
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com