Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 77 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 73Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 74Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 75Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 76Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 77Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 78Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 79Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 80Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
Table 3-12. GP2 Terminal Functions
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
GPIO2
Note: General-Purpose Input/Output (I/O) pins can also serve as external interrupt inputs.
VOUT[1]_AVID/
VOUT[1], EMAC[1],
EMAC[1]_MRXER/
VIN[1]A, UART4,
VIN[1]A_CLK/
IPD
Y22
I/O
TIMER6
General-Purpose Input/Output (I/O) 2 [GP2] pin 31.
UART4_RTS/
DVDD
PINCNTL207
TIM6_IO/
DSIS: PIN
GP2[31]
VOUT[1]_VSYNC/
EMAC[1]_MCRS/
VOUT[1], EMAC[1],
VIN[1]A_FLD/
VIN[1]A, SPI[3],
IPD
VIN[1]A_DE/
AA23
I/O
UART3
General-Purpose Input/Output (I/O) 2 [GP2] pin 30.
DVDD
SPI[3]_D[0]/
PINCNTL206
UART3_CTS/
DSIS: PIN
GP2[30]
VOUT[1]_HSYNC/
VOUT[1], EMAC[1],
EMAC[1]_MCOL/
VIN[1]A, SPI[3],
VIN[1]A_VSYNC/
IPD
AC24
I/O
UART3
General-Purpose Input/Output (I/O) 2 [GP2] pin 29.
SPI[3]_D[1]/
DVDD
PINCNTL205
UART3_RTS/
DSIS: PIN
GP2[29]
VOUT[1]_CLK/
VOUT[1], EMAC[1],
EMAC[1]_MTCLK/
IPD
VIN[1]A
AE24
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 28.
VIN[1]A_HSYNC/
DVDD
PINCNTL204
GP2[28]
DSIS: PIN
VOUT[0]
VOUT[0]_R_CR[3]/
IPD
AB9
I/O
PINCNTL197
General-Purpose Input/Output (I/O) 2 [GP2] pin 27.
GP2[27]
DVDD
DSIS: PIN
VOUT[0]_R_CR[2]/
VOUT[0], EMU
IPD
EMU4/
AD9
I/O
PINCNTL196
General-Purpose Input/Output (I/O) 2 [GP2] pin 26.
DVDD
GP2[26]
DSIS: PIN
VOUT[0]
VOUT[0]_G_Y_YC[3]/
IPD
AH15
I/O
PINCNTL189
General-Purpose Input/Output (I/O) 2 [GP2] pin 25.
GP2[25]
DVDD
DSIS: PIN
VOUT[0]_G_Y_YC[2]/
VOUT[0], EMU
IPD
EMU3/
AH7
I/O
PINCNTL188
General-Purpose Input/Output (I/O) 2 [GP2] pin 24.
DVDD
GP2[24]
DSIS: PIN
VOUT[0]
VOUT[0]_B_CB_C[3]/
IPD
AE15
I/O
PINCNTL181
General-Purpose Input/Output (I/O) 2 [GP2] pin 23.
GP2[23]
DVDD
DSIS: PIN
VOUT[0]_B_CB_C[2]/
VOUT[0], EMU
IPD
EMU2/
AG7
I/O
PINCNTL180
General-Purpose Input/Output (I/O) 2 [GP2] pin 22.
DVDD
GP2[22]
DSIS: PIN
VOUT[0]_AVID/
VOUT[0], SPI[3],
VOUT[0]_FLD/
IPD
TIMER7
SPI[3]_SCLK/
AA10
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 21.
DVDD
PINCNTL179
TIM7_IO/
DSIS: PIN
GP2[21]
VIN[0]AB,
VIN[0]A_D[15]_BD[7]/
DIS
CAMERA_I/F
CAM_SHUTTER/
AC14
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 20.
DVDD
PINCNTL155
GP2[20]
DSIS: PIN
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see , Pullup/Pulldown Resistors and , Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
77
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com