Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 81 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 77Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 78Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 79Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 80Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 81Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 82Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 83Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 84Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
Table 3-13. GP3 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VOUT[1]_R_CR[2]/
VOUT[1], GPMC,
GPMC_A[15]/
VIN[1]A, HDMI,
VIN[1]A_D[23]/
IPD
AE27
I/O
SPI[2]
General-Purpose Input/Output (I/O) 3 [GP3] pin 22.
HDMI_HPDET/
DVDD
PINCNTL230
SPI[2]_D[1]/
DSIS: PIN
GP3[22]
VOUT[1]_R_CR[3]/
GPMC_A[14]/
VOUT[1], GPMC,
VIN[1]A_D[22]/
VIN[1]A, HDMI,
IPU
HDMI_SDA/
AG28
I/O
SPI[2], I2C[2]
General-Purpose Input/Output (I/O) 3 [GP3] pin 21.
DVDD
SPI[2]_SCLK/
PINCNTL229
I2C[2]_SDA
DSIS: PIN
GP3[21]
VOUT[1]_G_Y_YC[2]/
GPMC_A[13]/
VOUT[1], GPMC,
VIN[1]A_D[21]/
VIN[1]A, HDMI,
IPU
HDMI_SCL/
AF27
I/O
SPI[2], I2C[2]
General-Purpose Input/Output (I/O) 3 [GP3] pin 20.
DVDD
SPI[2]_SCS[2]/
PINCNTL228
I2C[2]_SCL/
DSIS: PIN
GP3[20]
VOUT[1]_R_CR[9]/
VOUT[1],
EMAC[1]_MTXEN/
EMAC[1], VIN[1]A,
IPD
VIN[1]A_D[20]/
Y24
I/O
UART5
General-Purpose Input/Output (I/O) 3 [GP3] pin 19.
DVDD
UART5_TXD/
PINCNTL227
GP3[19]
DSIS: PIN
VOUT[1]_R_CR[8]/
VOUT[1],
EMAC[1]_MTXD[7]/
EMAC[1], VIN[1]A,
IPD
VIN[1]A_D[19]/
W23
I/O
UART5
General-Purpose Input/Output (I/O) 3 [GP3] pin 18.
DVDD
UART5_RXD/
PINCNTL226
GP3[18]
DSIS: PIN
VOUT[1]_R_CR[7]/
VOUT[1],
EMAC[1]_MTXD[6]/
EMAC[1], VIN[1]A,
IPD
VIN[1]A_D[18]/
V22
I/O
SPI[3]
General-Purpose Input/Output (I/O) 3 [GP3] pin 17.
DVDD
SPI[3]_D[0]/
PINCNTL225
GP3[17]
DSIS: PIN
VOUT[1]_R_CR[6]/
VOUT[1],
EMAC[1]_MTXD[5]/
EMAC[1], VIN[1]A,
IPD
VIN[1]A_D[17]/
AA25
I/O
SPI[3]
General-Purpose Input/Output (I/O) 3 [GP3] pin 16.
DVDD
SPI[3]_D[1]/
PINCNTL224
GP3[16]
DSIS: PIN
VOUT[1]_R_CR[5]/
VOUT[1],
EMAC[1]_MTXD[4]/
EMAC[1], VIN[1]A,
IPD
VIN[1]A_D[16]/
AC26
I/O
SPI[3]
General-Purpose Input/Output (I/O) 3 [GP3] pin 15.
DVDD
SPI[3]_SCLK/
PINCNTL223
GP3[15]
DSIS: PIN
VOUT[1]_R_CR[4]/
VOUT[1],
EMAC[1]_MTXD[3]/
EMAC[1], VIN[1]A,
IPD
VIN[1]A_D[15]/
AG27
I/O
SPI[3]
General-Purpose Input/Output (I/O) 3 [GP3] pin 14.
DVDD
SPI[3]_SCS[1]/
PINCNTL222
GP3[14]
DSIS: PIN
VOUT[1]_G_Y_YC[9]/
VOUT[1],
EMAC[1]_MTXD[2]/
IPD
EMAC[1], VIN[1]A
AD26
I/O
General-Purpose Input/Output (I/O) 3 [GP3] pin 13.
VIN[1]A_D[14]/
DVDD
PINCNTL221
GP3[13]
DSIS: PIN
VOUT[1]_G_Y_YC[8]/
VOUT[1],
EMAC[1]_MTXD[1]/
IPD
EMAC[1], VIN[1]A
AE26
I/O
General-Purpose Input/Output (I/O) 3 [GP3] pin 12.
VIN[1]A_D[13]/
DVDD
PINCNTL220
GP3[12]
DSIS: PIN
VOUT[1]_G_Y_YC[7]/
VOUT[1],
EMAC[1]_MTXD[0]/
IPD
EMAC[1], VIN[1]A
AF26
I/O
General-Purpose Input/Output (I/O) 3 [GP3] pin 11.
VIN[1]A_D[12]/
DVDD
PINCNTL219
GP3[11]
DSIS: PIN
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
81
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com