Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 83 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 79Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 80Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 81Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 82Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 83Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 84Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 85Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 86Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
3.2.8
GPMC
Table 3-14. GPMC Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
GPMC_CLK/
GPMC_CS[5]/
GPMC, CLKOUT1,
GPMC_WAIT[1]/
EDMA, TIMER4,
IPU
CLKOUT1/
R26
O
GP1
GPMC Clock output
DVDD_GPMCB
EDMA_EVT3/
PINCNTL127
TIM4_IO/
DSIS: 0
GP1[27]
SD2_DAT[4]/
GPMC_A[27]/
SD2, GPMC,
GPMC_A[23]/
EDMA, TIMER7,
IPU
GPMC_CS[7]/
R24
O
GP1
GPMC Chip Select 7
DVDD_GPMC
EDMA_EVT0/
PINCNTL116
TIM7_IO/
DSIS: N/A
GP1[22]
GPMC_ADV_ALE/
GPMC, TIMER5,
GPMC_CS[6]/
IPU
GP1
M26
O
GPMC Chip Select 6
TIM5_IO/
DVDD_GPMCB
PINCNTL128
GP1[28]
DSIS: N/A
GPMC_CLK/
GPMC_CS[5]/
GPMC, CLKOUT1,
GPMC_WAIT[1]/
EDMA, TIMER4,
IPU
CLKOUT1/
R26
O
GP1
GPMC Chip Select 5
DVDD_GPMCB
EDMA_EVT3/
PINCNTL127
TIM4_IO/
DSIS: N/A
GP1[27]
GPMC_CS[4]/
SD2, GP1
IPU
SD2_CMD/
P25
O
PINCNTL126
GPMC Chip Select 4
DVDD_GPMC
GP1[8]
DSIS: N/A
GPMC_CS[3]/
VIN[1]B, SPI[2],
VIN[1]B_CLK/
IPU
GP1
P26
O
GPMC Chip Select 3
SPI[2]_SCS[0]/
DVDD_GPMC
PINCNTL125
GP1[26]
DSIS: N/A
GPMC_CS[2]/
GPMC, GP1
IPU
GPMC_A[24]/
M25
O
PINCNTL124
GPMC Chip Select 2
DVDD_GPMC
GP1[25]
DSIS: N/A
GPMC_CS[1]/
GPMC, GP1
IPU
GPMC_A[25]/
K28
O
PINCNTL123
GPMC Chip Select 1
DVDD_GPMCB
GP1[24]
DSIS: N/A
GP1
GPMC_CS[0]/
IPU
T28
O
PINCNTL122
GPMC Chip Select 0
GP1[23]
DVDD_GPMCB
DSIS: N/A
IPU
GPMC_WE
U28
O
PINCNTL130
GPMC Write Enable output
DVDD_GPMCB
DSIS: N/A
IPU
GPMC_OE_RE
T27
O
PINCNTL129
GPMC Output Enable output
DVDD_GPMCB
DSIS: N/A
GPMC_BE[1]/
GPMC, EDMA,
GPMC_A[24]/
IPD
TIMER7, GP1
EDMA_EVT1/
V28
O
GPMC Upper Byte Enable output
DVDD_GPMCB
PINCNTL132
TIM7_IO/
DSIS: N/A
GP1[30]
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see , Pullup/Pulldown Resistors and the , Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
83
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com