Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 88 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 88 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 84Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 85Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 86Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 87Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 88Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 89Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 90Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 91Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
www.ti.com
Table 3-14. GPMC Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VOUT[1],
VOUT[1]_R_CR[1]/
CAMERA_I/F,
CAM_D[1]/
IPD
UART4, GP0
GPMC_A[7]/
AC19
O
DVDD_C
PINCNTL170
UART4_CTS/
DSIS: N/A
GP0[24]
MM: MUX1
GPMC Address 7
EMAC[0],
EMAC[0]_MTXD[0]/
EMAC[1], SPI[2]
EMAC[1]_RGRXD[3]/
IPD
J24
O
PINCNTL250
GPMC_A[7]/
DVDD_GPMC
DSIS: N/A
SPI[2]_D[0]
MM: MUX0
VOUT[1],
VOUT[1]_G_Y_YC[0]/
CAMERA_I/F,
CAM_D[2]/
IPD
UART4, GP0
GPMC_A[6]/
AC18
O
DVDD_C
PINCNTL169
UART4_TXD/
DSIS: N/A
GP0[23]
MM: MUX1
GPMC Address 6
EMAC[0],
EMAC[0]_GMTCLK/
EMAC[1], SPI[2]
EMAC[1]_RGRXC/
IPD
K23
O
PINCNTL249
GPMC_A[6]/
DVDD_GPMC
DSIS: N/A
SPI[2]_D[1]
MM: MUX0
VOUT[1],
VOUT[1]_G_Y_YC[1]/
CAMERA_I/F,
CAM_D[3]/
IPU
UART4, GP0
GPMC_A[5]/
AD18
O
DVDD_C
PINCNTL168
UART4_RXD/
DSIS: N/A
GP0[22]
MM: MUX1
GPMC Address 5
EMAC[0],
EMAC[0]_MRXDV/
EMAC[1], SPI[2]
EMAC[1]_RGRXD[1]/
IPD
K22
O
PINCNTL248
GPMC_A[5]/
DVDD_GPMC
DSIS: N/A
SPI[2]_SCLK
MM: MUX0
SD2, GP1
SD2_DAT[0]/
IPU
PINCNTL120
GPMC_A[4]/
L26
O
DVDD_GPMCB
DSIS: N/A
GP1[14]
MM: MUX1
GPMC Address 4
EMAC[0]_MRXD[7]/
EMAC[0], SPI[2]
EMAC[0]_RGTXD[1]/
IPD
PINCNTL247
G27
O
GPMC_A[4]/
DVDD_GPMC
DSIS: N/A
SPI[2]_SCS[3]
MM: MUX0
SD2, GP1
SD2_DAT[1]_ SDIRQ/
IPU
PINCNTL119
GPMC_A[3]/
M24
O
DVDD_GPMC
DSIS: N/A
GP1[13]
MM: MUX1
GPMC Address 3
EMAC[0]_MRXD[6]/
EMAC[0], UART5
EMAC[0]_RGTXD[2]/
IPD
PINCNTL246
F28
O
GPMC_A[3]/
DVDD_GPMC
DSIS: N/A
UART5_RTS
MM: MUX0
SD2, GP2
SD2_DAT[2]_SDRW/
IPU
PINCNTL118
GPMC_A[2]/
K27
O
DVDD_GPMC
DSIS: N/A
GP2[6]
MM: MUX1
GPMC Address 2
EMAC[0]_MRXD[5]/
EMAC[0], UART5
EMAC[0]_RGTXD[3]/
IPD
PINCNTL245
H26
O
GPMC_A[2]/
DVDD_GPMC
DSIS: N/A
UART5_CTS
MM: MUX0
88
Device Pins
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com