Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1100-50 Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

Part # TS1100-50
Description  A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1100-50 Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  TS1100-50 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TS1100
Page 4
TS1100DS r1p0
RTFDS
Supply Current vs Common-Mode Voltage
Input Offset Voltage vs Temperature
Supply Current vs Temperature
INPUT OFFSET VOLTAGE - µV
TEMPERATURE -
°C
TEMPERATURE -
°C
SUPPLY VOLTAGE - Volt
0
10
25
35
10
30
0
40
2V
25V
3.6V
TYPICAL PERFORMANCE CHARACTERISTICS
VRS+ = VRS- = 3.6V; TA = +25
°C, unless otherwise noted.
-40
-15
10
35
85
60
15
20
0.2
0.6
0
0.4
1
0.8
0
40
-40
20
80
60
0.2
0.6
0.8
0
0.4
1
Input Offset Voltage Histogram
5
20
30
50
0
10
15
20
30
25
5
GAIN ERROR - %
25
20
15
0
10
-0.2
0.2
-0.4
0.4
0
Gain Error Histogram
5
30
Input Offset Voltage vs Common-Mode Voltage
SUPPLY VOLTAGE - Volt
10
15
20
30
25
5
40
35
30
25
20
0
110
-40
-15
10
35
85
60
110
-20


Similar Part No. - TS1100-50

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1100-50-EG6 SILABS-TS1100-50-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-50-EG6T SILABS-TS1100-50-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-50EG5 SILABS-TS1100-50EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1100-50

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com