Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETF02SPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 10ETF02SPBF
Description  Fast Soft Recovery Rectifier Diode, 10 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10ETF02SPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  10ETF02SPBF Datasheet HTML 1Page - Vishay Siliconix 10ETF02SPBF Datasheet HTML 2Page - Vishay Siliconix 10ETF02SPBF Datasheet HTML 3Page - Vishay Siliconix 10ETF02SPBF Datasheet HTML 4Page - Vishay Siliconix 10ETF02SPBF Datasheet HTML 5Page - Vishay Siliconix 10ETF02SPBF Datasheet HTML 6Page - Vishay Siliconix 10ETF02SPBF Datasheet HTML 7Page - Vishay Siliconix 10ETF02SPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94091
2
Revision: 26-Apr-10
VS-10ETF..SPbF Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 10 A
Note
(1) When mounted on 1" square (650 mm2) PCB of FR-4 or G-10 material 4 oz. (140 μm) copper 40 °C/W.
For recommended footprint and soldering techniques refer to application note #AN-994.
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM
10 A, TJ = 25 °C
1.2
V
Forward slope resistance
rt
TJ = 150 °C
12.7
m
Ω
Threshold voltage
VF(TO)
1.25
V
Maximum reverse leakage current
IRM
TJ = 25 °C
VR = Rated VRRM
0.1
mA
TJ = 150 °C
2.0
RECOVERY CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Reverse recovery time
trr
IF at 10 Apk
25 A/μs
25 °C
145
ns
Reverse recovery current
Irr
2.75
A
Reverse recovery charge
Qrr
0.32
μC
Snap factor
S
0.6
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance
junction to case
RthJC
DC operation
1.5
°C/W
Maximum thermal resistance
junction to ambient (PCB mount)
RthJA (1)
40
Soldering temperature
TS
240
°C
Approximate weight
2g
0.07
oz.
Marking device
Case style D2PAK (SMD-220)
10ETF02S
10ETF04S
10ETF06S
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t


Similar Part No. - 10ETF02SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETF02S IRF-10ETF02S Datasheet
132Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
International Rectifier
10ETF02STRL IRF-10ETF02STRL Datasheet
132Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF02STRR IRF-10ETF02STRR Datasheet
132Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 10ETF02SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF1PBF VISHAY-VS-10ETF1PBF Datasheet
251Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF06THM3 VISHAY-VS-10ETF06THM3_V01 Datasheet
242Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3_V01 Datasheet
232Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF0-M3 VISHAY-VS-10ETF0-M3 Datasheet
256Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3 Datasheet
231Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 15-Sep-17
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3 Datasheet
244Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 27-Mar-2019
10ETF02FPPBF VISHAY-10ETF02FPPBF Datasheet
836Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 28-May-08
VS-10ETF0FPPBF VISHAY-VS-10ETF0FPPBF Datasheet
234Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
10ETFPBF VISHAY-10ETFPBF Datasheet
221Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 17-Apr-08
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3_V01 Datasheet
242Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com