Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETF10FP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 10ETF10FP
Description  Fast Soft Recovery Rectifier Diode, 10 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10ETF10FP Datasheet(HTML) 4 Page - Vishay Siliconix

  10ETF10FP Datasheet HTML 1Page - Vishay Siliconix 10ETF10FP Datasheet HTML 2Page - Vishay Siliconix 10ETF10FP Datasheet HTML 3Page - Vishay Siliconix 10ETF10FP Datasheet HTML 4Page - Vishay Siliconix 10ETF10FP Datasheet HTML 5Page - Vishay Siliconix 10ETF10FP Datasheet HTML 6Page - Vishay Siliconix 10ETF10FP Datasheet HTML 7Page - Vishay Siliconix 10ETF10FP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94093
4
Revision: 28-May-08
10ETF..FPPbF Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 10 A
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Recovery Time Characteristics, TJ = 25 °C
Fig. 9 - Recovery Time Characteristics, TJ = 150 °C
Fig. 10 - Recovery Charge Characteristics, TJ = 25 °C
Fig. 11 - Recovery Charge Characteristics, TJ = 150 °C
Fig. 12 - Recovery Current Characteristics, TJ = 25 °C
1000
10
1
0.5
1.0
1.5
2.0
2.5
4.5
Instantaneous Forward Voltage (V)
10ETF.. Series
T
J = 150 °C
T
J = 25 °C
100
4.0
3.0
3.5
0.6
0.3
0
040
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
0.1
0.2
0.5
0.4
10ETF.. Series
T
J = 25 °C
I
FM = 10 A
I
FM = 1 A
I
FM = 2 A
I
FM = 5 A
I
FM = 8 A
0.8
0.6
0
040
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
0.2
0.4
10ETF.. Series
T
J = 150 °C
I
FM = 8 A
I
FM = 1 A
I
FM = 10 A
I
FM = 5 A
I
FM = 2 A
1.6
0
040
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
0.4
0.8
1.2
I
FM = 1 A
I
FM = 2 A
I
FM = 5 A
I
FM = 10 A
I
FM = 8 A
10ETF.. Series
T
J = 25 °C
2.0
5
3
0
040
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
1
2
4
10ETF.. Series
T
J = 150 °C
I
FM = 1 A
I
FM = 2 A
I
FM = 5 A
I
FM = 10 A
I
FM = 8 A
20
12
0
040
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
4
8
16
10ETF.. Series
T
J = 25 °C
I
FM = 1 A
I
FM = 2 A
I
FM = 5 A
I
FM = 10 A
I
FM = 8 A


Similar Part No. - 10ETF10FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 10ETF10FP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF1PBF VISHAY-VS-10ETF1PBF Datasheet
251Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF06THM3 VISHAY-VS-10ETF06THM3_V01 Datasheet
242Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3_V01 Datasheet
232Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF0-M3 VISHAY-VS-10ETF0-M3 Datasheet
256Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3 Datasheet
231Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 15-Sep-17
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3 Datasheet
244Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 27-Mar-2019
10ETF02FPPBF VISHAY-10ETF02FPPBF Datasheet
836Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 28-May-08
VS-10ETF0FPPBF VISHAY-VS-10ETF0FPPBF Datasheet
234Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
10ETFPBF VISHAY-10ETFPBF Datasheet
221Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 17-Apr-08
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3_V01 Datasheet
242Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com