Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETF12FP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 10ETF12FP
Description  Fast Soft Recovery Rectifier Diode, 10 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10ETF12FP Datasheet(HTML) 1 Page - Vishay Siliconix

  10ETF12FP Datasheet HTML 1Page - Vishay Siliconix 10ETF12FP Datasheet HTML 2Page - Vishay Siliconix 10ETF12FP Datasheet HTML 3Page - Vishay Siliconix 10ETF12FP Datasheet HTML 4Page - Vishay Siliconix 10ETF12FP Datasheet HTML 5Page - Vishay Siliconix 10ETF12FP Datasheet HTML 6Page - Vishay Siliconix 10ETF12FP Datasheet HTML 7Page - Vishay Siliconix 10ETF12FP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94093
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 28-May-08
1
Fast Soft Recovery
Rectifier Diode, 10 A
10ETF..FPPbF Soft Recovery Series
Vishay High Power Products
FEATURES/DESCRIPTION
The 10ETF...FPPbF fast soft recovery rectifier
series has been optimized for combined short
reverse recovery time and low forward voltage
drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling conditions.
The fully isolated package (VINS = 2500 VRMS) is UL E78996
approved.
This product series has been designed and qualified for
industrial level and lead (Pb)-free.
APPLICATIONS
• Output
rectification
and
freewheeling
in
inverters,
choppers and converters
• Input rectifications where severe restrictions on conducted
EMI should be met
PROTDUCT SUMMARY
VF at 10 A
< 1.33 V
trr
80 ns
VRRM
1000 to 1200 V
TO-220AC FULL-PAK
Base
cathode
2
1
3
Anode
Cathode
Available
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Sinusoidal waveform
10
A
VRRM
1000 to 1200
V
IFSM
160
A
VF
10 A, TJ = 25 °C
1.33
V
trr
1 A, 100 A/µs
80
ns
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
10ETF10FPPbF
1000
1100
4
10ETF12FPPbF
1200
1300
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 95 °C, 180° conduction half sine wave
10
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
160
10 ms sine pulse, no voltage reapplied
185
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
128
A2s
10 ms sine pulse, no voltage reapplied
180
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
1800
A2
√s
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 10ETF12FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETF12FP IRF-10ETF12FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF12FPPBF IRF-10ETF12FPPBF Datasheet
207Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
More results

Similar Description - 10ETF12FP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF1PBF VISHAY-VS-10ETF1PBF Datasheet
251Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF06THM3 VISHAY-VS-10ETF06THM3_V01 Datasheet
242Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3_V01 Datasheet
232Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF0-M3 VISHAY-VS-10ETF0-M3 Datasheet
256Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3 Datasheet
231Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 15-Sep-17
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3 Datasheet
244Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 27-Mar-2019
10ETF02FPPBF VISHAY-10ETF02FPPBF Datasheet
836Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 28-May-08
VS-10ETF0FPPBF VISHAY-VS-10ETF0FPPBF Datasheet
234Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
10ETFPBF VISHAY-10ETFPBF Datasheet
221Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 17-Apr-08
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3_V01 Datasheet
242Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com