Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145472FE Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC145472FE
Description  LOW-VOLTAGE CMOS 16-BIT TRANSPARENT LATCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145472FE Datasheet(HTML) 5 Page - Motorola, Inc

  MC145472FE Datasheet HTML 1Page - Motorola, Inc MC145472FE Datasheet HTML 2Page - Motorola, Inc MC145472FE Datasheet HTML 3Page - Motorola, Inc MC145472FE Datasheet HTML 4Page - Motorola, Inc MC145472FE Datasheet HTML 5Page - Motorola, Inc MC145472FE Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74LCX16373
LCX DATA
BR1339 — REV 3
5
MOTOROLA
WAVEFORM 1 – PROPAGATION DELAYS
tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
2.7V
0V
VOH
VOL
Dn
On
tPHL
tPLH
WAVEFORM 2 – OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
2.7V
0V
≈ 0V
OEn
On
tPZH
≈ 3.0V
tPHZ
tPZL
tPLZ
On
1.5V
1.5V
1.5V
1.5V
1.5V
1.5V
Figure 1. AC Waveforms
1.5V
VCC
VOH – 0.3V
VOL + 0.3V
GND
1.5V
WAVEFORM 3 – LE to On PROPAGATION DELAYS, LE MINIMUM
PULSE WIDTH, Dn to LE SETUP AND HOLD TIMES
tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns except when noted
2.7V
0V
Dn
LEn
1.5V
On
2.7V
0V
VOH
VOL
tPLH, tPHL
tw
1.5V
1.5V
1.5V
th
ts
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
6V
GND
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6V
Open Collector/Drain tPLH and tPHL
6V
tPZH, tPHZ
GND
CL = 50pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Figure 2. Test Circuit


Similar Part No. - MC145472FE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
Pulse A Technitrol Comp...
MC145474 PULSE-MC145474 Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
Motorola, Inc
MC145475 MOTOROLA-MC145475 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
MC14547B MOTOROLA-MC14547B Datasheet
201Kb / 7P
   HIGH CURRENT BCD-TO-SEVEN SEGMENT DECODER/DRIVER
MC14547BCL MOTOROLA-MC14547BCL Datasheet
201Kb / 7P
   HIGH CURRENT BCD-TO-SEVEN SEGMENT DECODER/DRIVER
More results

Similar Description - MC145472FE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX16373DTRG ONSEMI-MC74LCX16373DTRG Datasheet
142Kb / 7P
   Low-Voltage CMOS 16-Bit Transparent Latch
July, 2010 ??Rev. 8
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
logo
Integrated Device Techn...
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
logo
Integrated Device Techn...
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com