Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19TQ015STRRPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 19TQ015STRRPBF
Description  Schottky Rectifier, 19 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

19TQ015STRRPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  19TQ015STRRPBF Datasheet HTML 1Page - Vishay Siliconix 19TQ015STRRPBF Datasheet HTML 2Page - Vishay Siliconix 19TQ015STRRPBF Datasheet HTML 3Page - Vishay Siliconix 19TQ015STRRPBF Datasheet HTML 4Page - Vishay Siliconix 19TQ015STRRPBF Datasheet HTML 5Page - Vishay Siliconix 19TQ015STRRPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 94152
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 12-Mar-10
3
VS-19TQ015SPbF
Schottky Rectifier, 19 A Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
100
VFM - Forward Voltage Drop (V)
0
0.4
0.6
1.0
1.2
1.4
1000
0.1
0.2
0.8
T
J = 100 °C
T
J = 75 °C
T
J = 25 °C
VR - Reverse Voltage (V)
05
15
0.1
1
10
100
10
1000
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
VR - Reverse Voltage (V)
010
15
20
25
100
1000
5
30
T
J = 25 °C
10 000
0.001
0.01
0.1
1
10
t1 - Rectangular Pulse Duration (s)
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Single pulse
(thermal resistance)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC


Similar Part No. - 19TQ015STRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
19TQ015STRRPBF IRF-19TQ015STRRPBF Datasheet
216Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
19TQ015STRRPBF VISHAY-19TQ015STRRPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Sep-08
More results

Similar Description - 19TQ015STRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
19TQ015SPBF VISHAY-19TQ015SPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Sep-08
19TQ015 VISHAY-19TQ015 Datasheet
114Kb / 6P
   Schottky Rectifier, 19 A
Revision: 25-Jun-08
19TQ015PBF VISHAY-19TQ015PBF Datasheet
92Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Sep-08
19TQ015PBF VISHAY-19TQ015PBF_08 Datasheet
114Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Sep-08
19TQ015PBF VISHAY-19TQ015PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 19 A
Revision: 25-Aug-11
VS-19TQ015PBF VISHAY-VS-19TQ015PBF_15 Datasheet
152Kb / 7P
   Schottky Rectifier, 19 A
Revision: 25-Aug-11
VS-19TQ015-M3 VISHAY-VS-19TQ015-M3_V01 Datasheet
174Kb / 7P
   High Performance Schottky Rectifier, 19 A
01-Jan-2022
VS-19TQ015S-M3 VISHAY-VS-19TQ015S-M3_V01 Datasheet
178Kb / 7P
   High Performance Schottky Rectifier, 19 A
01-Jan-2022
VS-19TQ015S-M3 VISHAY-VS-19TQ015S-M3_15 Datasheet
149Kb / 7P
   High Performance Schottky Rectifier, 19 A
Revision: 29-Jul-14
VS-19TQ015-M3 VISHAY-VS-19TQ015-M3 Datasheet
166Kb / 7P
   High Performance Schottky Rectifier, 19 A
Revision: 11-Oct-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com