Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70MT160BPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 70MT160BPBF
Description  Three Phase Bridge (Power Module), 45 A to 100 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70MT160BPBF Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 70MT160BPBF Datasheet HTML 2Page - Vishay Siliconix 70MT160BPBF Datasheet HTML 3Page - Vishay Siliconix 70MT160BPBF Datasheet HTML 4Page - Vishay Siliconix 70MT160BPBF Datasheet HTML 5Page - Vishay Siliconix 70MT160BPBF Datasheet HTML 6Page - Vishay Siliconix 70MT160BPBF Datasheet HTML 7Page - Vishay Siliconix 70MT160BPBF Datasheet HTML 8Page - Vishay Siliconix 70MT160BPBF Datasheet HTML 9Page - Vishay Siliconix 70MT160BPBF Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94538
6
Revision: 10-Mar-10
40MT1.0P.PbF, 70MT1.0P.PbF, 100MT1.0P.PbF Series
Vishay High Power Products
Three Phase Bridge
(Power Module), 45 A to 100 A
Fig. 15 - Current Rating Nomogram (1 Module Per Heatsink)
Fig. 16 - Thermal Impedance ZthJC Characteristics
Maximum Allowable Ambient Temperature (°C)
Total Output Current (A)
030
60
90
120
150
0.05
K/W
RthSA
=
0.025
K/W
- Delta
R
0.5
K/W
1 K/W
0.3
K/
W
0.2
K/W
0.1
K/W
0
100
200
300
400
500
020
40
60
80
100
120˚
(Rect)
Tj = 150˚C
100MT...P
Square Wave Pulse Duration (s)
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
Steady State Value
RthJC per junction =
1.6 K/W (40MT...P)
1.38 K/W (70MT...P
1.14 K/W (100MT...P)
DC Operation)
40MT...P
70MT...P
100MT...P


Similar Part No. - 70MT160BPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70MT160KB IRF-70MT160KB Datasheet
95Kb / 7P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
70MT160KPBF VISHAY-70MT160KPBF Datasheet
132Kb / 6P
   Three Phase Bridge (Power Modules), 60/70 A
Revision: 29-Apr-08
70MT160P VISHAY-70MT160P Datasheet
199Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
02-Oct-12
logo
International Rectifier
70MT160PA IRF-70MT160PA Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
70MT160PA IRF-70MT160PA Datasheet
129Kb / 8P
   THREE PHASE BRIDGE
More results

Similar Description - 70MT160BPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTP3 VISHAY-MTP3 Datasheet
145Kb / 8P
   Three Phase Bridge (Power Module) 45 A to 100 A
Revision: 13-Aug-08
100MT1.0P.PBF VISHAY-100MT1.0P.PBF Datasheet
191Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
Revision: 10-Mar-10
100MT1.0P.PBF VISHAY-100MT1.0P.PBF_V01 Datasheet
199Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
02-Oct-12
VS-40MT160P-P VISHAY-VS-40MT160P-P_V01 Datasheet
240Kb / 9P
   MTP PressFit Power Module Three Phase Bridge, 45 A to 100 A
01-Jan-2022
VS-40MT160P-P VISHAY-VS-40MT160P-P_V02 Datasheet
240Kb / 9P
   MTP PressFit Power Module Three Phase Bridge, 45 A to 100 A
01-Jan-2023
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2022
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2023
200MT40KPBF VISHAY-200MT40KPBF Datasheet
111Kb / 5P
   Three Phase Bridge (Power Module), 200 A
Revision: 29-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com