Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100MT160BPBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 100MT160BPBF
Description  Three Phase Bridge (Power Module), 45 A to 100 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

100MT160BPBF Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 100MT160BPBF Datasheet HTML 2Page - Vishay Siliconix 100MT160BPBF Datasheet HTML 3Page - Vishay Siliconix 100MT160BPBF Datasheet HTML 4Page - Vishay Siliconix 100MT160BPBF Datasheet HTML 5Page - Vishay Siliconix 100MT160BPBF Datasheet HTML 6Page - Vishay Siliconix 100MT160BPBF Datasheet HTML 7Page - Vishay Siliconix 100MT160BPBF Datasheet HTML 8Page - Vishay Siliconix 100MT160BPBF Datasheet HTML 9Page - Vishay Siliconix 100MT160BPBF Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 94538
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 10-Mar-10
7
40MT1.0P.PbF, 70MT1.0P.PbF, 100MT1.0P.PbF Series
Three Phase Bridge
(Power Module), 45 A to 100 A
Vishay High Power Products
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
1
-
Current rating code
2
-
Circuit configuration code: 0 = 3-Phase rectifier bridge
3
-
Essential part number
4
-
Voltage code x 10 = V
RRM (see Voltage Ratings table)
5
-
Pinout code
4 = 45 A
7 = 75 A
10 = 100 A
6
-
Lead (Pb)-free
A = Flat pins
B = Round pins
Device code
5
13
24
6
10
0
MT
160
P
B
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95244


Similar Part No. - 100MT160BPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100MT160P VISHAY-100MT160P Datasheet
199Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
02-Oct-12
logo
International Rectifier
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
100MT160PA IRF-100MT160PA Datasheet
129Kb / 8P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
100MT160PAPBF VISHAY-100MT160PAPBF Datasheet
145Kb / 8P
   Three Phase Bridge (Power Module) 45 A to 100 A
Revision: 13-Aug-08
logo
International Rectifier
100MT160PB IRF-100MT160PB Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
More results

Similar Description - 100MT160BPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTP3 VISHAY-MTP3 Datasheet
145Kb / 8P
   Three Phase Bridge (Power Module) 45 A to 100 A
Revision: 13-Aug-08
100MT1.0P.PBF VISHAY-100MT1.0P.PBF Datasheet
191Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
Revision: 10-Mar-10
100MT1.0P.PBF VISHAY-100MT1.0P.PBF_V01 Datasheet
199Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
02-Oct-12
VS-40MT160P-P VISHAY-VS-40MT160P-P_V01 Datasheet
240Kb / 9P
   MTP PressFit Power Module Three Phase Bridge, 45 A to 100 A
01-Jan-2022
VS-40MT160P-P VISHAY-VS-40MT160P-P_V02 Datasheet
240Kb / 9P
   MTP PressFit Power Module Three Phase Bridge, 45 A to 100 A
01-Jan-2023
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2022
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2023
200MT40KPBF VISHAY-200MT40KPBF Datasheet
111Kb / 5P
   Three Phase Bridge (Power Module), 200 A
Revision: 29-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com