Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE5SC4M Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # DE5SC4M
Description  Schottky Rectifiers (SBD) (40V 5A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DE5SC4M Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  DE5SC4M Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DE5SC4M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DE5SC4M Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DE5SC4M Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd DE5SC4M Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd DE5SC4M Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd DE5SC4M Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd DE5SC4M Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd DE5SC4M Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
0
2
4
6
8
10
12
0
10
20
30
40
50
DE5SC4M
0.3
Reverse Power Dissipation
Tj = 150
°C
SIN
0.2
0.5
D=0.05
DC
0.1
0.8
0
tp
VR
T
D=tp/T
Reverse Voltage VR [V]


Similar Part No. - DE5SC4M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DE5SC4M SHINDENGEN-DE5SC4M_10 Datasheet
604Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - DE5SC4M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D5SC4MR SHINDENGEN-D5SC4MR Datasheet
593Kb / 11P
   Schottky Rectifiers (SBD) (40V 5A)
S5S4M SHINDENGEN-S5S4M Datasheet
602Kb / 10P
   Schottky Rectifiers (SBD) (40V 5A)
SF5SC4 SHINDENGEN-SF5SC4 Datasheet
542Kb / 10P
   Schottky Rectifiers (SBD) (40V 5A)
SF5S4 SHINDENGEN-SF5S4 Datasheet
613Kb / 10P
   Schottky Rectifiers (SBD) (40V 5A)
D5S4M SHINDENGEN-D5S4M Datasheet
626Kb / 10P
   Schottky Rectifiers (SBD) (40V 5A)
D5SC4M SHINDENGEN-D5SC4M Datasheet
591Kb / 11P
   Schottky Rectifiers (SBD) (40V 5A)
D5S9M SHINDENGEN-D5S9M Datasheet
603Kb / 11P
   Schottky Rectifiers (SBD) (90V 5A)
DE5PC3 SHINDENGEN-DE5PC3 Datasheet
541Kb / 8P
   Schottky Rectifiers (SBD) (30V 5A)
D5S6M SHINDENGEN-D5S6M Datasheet
696Kb / 11P
   Schottky Rectifiers (SBD) (60V 5A)
DE5S6M SHINDENGEN-DE5S6M Datasheet
744Kb / 12P
   Schottky Rectifiers (SBD) (60V 5A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com