Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60CPU04-F3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 60CPU04-F3
Description  Ultrafast Rectifier, 2 x 30 A FRED Pt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60CPU04-F3 Datasheet(HTML) 7 Page - Vishay Siliconix

  60CPU04-F3 Datasheet HTML 1Page - Vishay Siliconix 60CPU04-F3 Datasheet HTML 2Page - Vishay Siliconix 60CPU04-F3 Datasheet HTML 3Page - Vishay Siliconix 60CPU04-F3 Datasheet HTML 4Page - Vishay Siliconix 60CPU04-F3 Datasheet HTML 5Page - Vishay Siliconix 60CPU04-F3 Datasheet HTML 6Page - Vishay Siliconix 60CPU04-F3 Datasheet HTML 7Page - Vishay Siliconix 60CPU04-F3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 16-Jun-11
1
Document Number: 95223
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5M-1994
(2) Contour of slot optional
(3) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(4) Thermal pad contour optional with dimensions D1 and E1
(5) Lead finish uncontrolled in L1
(6) Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154")
(7) Outline conforms to JEDEC outline TO-247 with exception of dimension c
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.65
5.31
0.183
0.209
D2
0.51
1.30
0.020
0.051
A1
2.21
2.59
0.087
0.102
E
15.29
15.87
0.602
0.625
3
A2
1.50
2.49
0.059
0.098
E1
13.72
-
0.540
-
b
0.99
1.40
0.039
0.055
e
5.46 BSC
0.215 BSC
b1
0.99
1.35
0.039
0.053
FK
2.54
0.010
b2
1.65
2.39
0.065
0.094
L
14.20
16.10
0.559
0.634
b3
1.65
2.37
0.065
0.094
L1
3.71
4.29
0.146
0.169
b4
2.59
3.43
0.102
0.135
N
7.62 BSC
0.3
b5
2.59
3.38
0.102
0.133
P
3.56
3.66
0.14
0.144
c
0.38
0.86
0.015
0.034
P1
-
6.98
-
0.275
c1
0.38
0.76
0.015
0.030
Q
5.31
5.69
0.209
0.224
D
19.71
20.70
0.776
0.815
3
R
4.52
5.49
1.78
0.216
D1
13.08
-
0.515
-
4
S
5.51 BSC
0.217 BSC
0.10
A
C
M
M
E
N
(2)
(3)
(4)
(4)
(2) R/2
B
2 x R
S
D
See view B
2 x e
b4
3 x b
2 x b2
L
C
(5) L1
1
2
3
Q
D
A
A2
A
A
A1
C
Ø K
B
D
M
M
A
(6) Ø P
(Datum B)
FP1
D1 (4)
4
E1
0.01
B
D
M
M
View A - A
Thermal pad
D2
DD E
E
C
C
View B
(b1, b3, b5)
Base metal
c1
(b, b2, b4)
Section C - C, D - D, E - E
(c)
Planting
Lead assignments
Diodes
1. - Anode/open
2. - Cathode
3. - Anode


Similar Part No. - 60CPU04-F3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
60CPU02 ISC-60CPU02 Datasheet
294Kb / 2P
   Ultrafast Rectifier
logo
Vishay Siliconix
60CPU02-F VISHAY-60CPU02-F Datasheet
145Kb / 8P
   Ultrafast Rectifier, FRED Pt, 2 x 30 A
Revision: 21-Jan-09
60CPU02-F VISHAY-60CPU02-F Datasheet
165Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
Revision: 26-Jan-12
60CPU02-F VISHAY-60CPU02-F_12 Datasheet
165Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
Revision: 26-Jan-12
60CPU02-N3 VISHAY-60CPU02-N3 Datasheet
165Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
Revision: 26-Jan-12
More results

Similar Description - 60CPU04-F3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPU02-F VISHAY-60CPU02-F Datasheet
145Kb / 8P
   Ultrafast Rectifier, FRED Pt, 2 x 30 A
Revision: 21-Jan-09
VS-60CPU06-F VISHAY-VS-60CPU06-F Datasheet
165Kb / 8P
   Ultrafast Rectifier, FRED Pt, 2 x 30 A
Revision: 26-Jan-12
60CPU06-F VISHAY-60CPU06-F Datasheet
147Kb / 8P
   Ultrafast Rectifier, FRED Pt, 2 x 30 A
Revision: 21-Jan-09
VS-60CPU04-F3 VISHAY-VS-60CPU04-F3 Datasheet
153Kb / 7P
   Ultrafast Rectifier, 2 x 30 A FRED Pt®
Revision: 18-Oct-16
60CPU02-F VISHAY-60CPU02-F_12 Datasheet
165Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
Revision: 26-Jan-12
VS-60CPU02-N3 VISHAY-VS-60CPU02-N3 Datasheet
167Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
01-Jan-2022
VS-CPU6006-N3 VISHAY-VS-CPU6006-N3 Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 30 A FRED Pt®
Revision: 17-Jul-13
VS-60CPU02-F VISHAY-VS-60CPU02-F Datasheet
168Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
Revision: 26-Jan-12
60CPU06-F VISHAY-60CPU06-F_12 Datasheet
166Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
Revision: 26-Jan-12
VS-60CPU03W-N3 VISHAY-VS-60CPU03W-N3 Datasheet
143Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
Revision: 10-Jul-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com