Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70CRU04PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 70CRU04PBF
Description  Ultrafast Rectifier, 2 x 35 A FRED Pt
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70CRU04PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  70CRU04PBF_11 Datasheet HTML 1Page - Vishay Siliconix 70CRU04PBF_11 Datasheet HTML 2Page - Vishay Siliconix 70CRU04PBF_11 Datasheet HTML 3Page - Vishay Siliconix 70CRU04PBF_11 Datasheet HTML 4Page - Vishay Siliconix 70CRU04PBF_11 Datasheet HTML 5Page - Vishay Siliconix 70CRU04PBF_11 Datasheet HTML 6Page - Vishay Siliconix 70CRU04PBF_11 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94510
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 09-Feb-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VS-70CRU04PbF
Ultrafast Rectifier, 2 x 35 A FRED Pt®
Vishay Semiconductors
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Diode)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Diode)
Forward Voltage Drop (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
1
10
1000
100
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
VR - Reverse Voltage (V)
50
100
150
200
350
300
250
400
0.001
0.01
0.1
1
10
100
1000
T
J = 175 °C
25 °C
150 °C
125 °C
VR - Reverse Voltage (V)
110
100
1000
10
1000
100
T
J = 25 °C
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
t1 - Rectangular Pulse Duration (s)
Single pulse
(thermal resistance)
P
DM
t
2
t
1
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC


Similar Part No. - 70CRU04PBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 21-Jul-08
More results

Similar Description - 70CRU04PBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70CRU02PBF VISHAY-70CRU02PBF_11 Datasheet
137Kb / 8P
   Ultrafast Rectifier, 2 x 35 A FRED Pt
Revision: 09-Feb-11
VS-16CTU04 VISHAY-VS-16CTU04 Datasheet
176Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
60CPU04-F3 VISHAY-60CPU04-F3 Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 30 A FRED Pt
Revision: 17-Sep-10
VS-MURB2020CTTRLP VISHAY-VS-MURB2020CTTRLP Datasheet
173Kb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 08-Apr-10
30CPU04PBF VISHAY-30CPU04PBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
MUR1620CTPBF VISHAY-MUR1620CTPBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 28-Apr-11
MUR2020CTPBF VISHAY-MUR2020CTPBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
MURB1020CTPBF VISHAY-MURB1020CTPBF_10 Datasheet
166Kb / 9P
   Ultrafast Rectifier, 2 x 5 A FRED Pt
Revision: 11-Mar-10
30CPH03PBF VISHAY-30CPH03PBF_11 Datasheet
160Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
16CTU04SPBF VISHAY-16CTU04SPBF_10 Datasheet
177Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com