Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3A-MA3A-H11 Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # E3A-MA3A-H11
Description  Digital E3 Modulevel with HART짰 and PACTware??Communications Liquid Level Displacer Transmitter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

E3A-MA3A-H11 Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button E3A-MA3A-H11 Datasheet HTML 7Page - Magnetrol International, Inc. E3A-MA3A-H11 Datasheet HTML 8Page - Magnetrol International, Inc. E3A-MA3A-H11 Datasheet HTML 9Page - Magnetrol International, Inc. E3A-MA3A-H11 Datasheet HTML 10Page - Magnetrol International, Inc. E3A-MA3A-H11 Datasheet HTML 11Page - Magnetrol International, Inc. E3A-MA3A-H11 Datasheet HTML 12Page - Magnetrol International, Inc. E3A-MA3A-H11 Datasheet HTML 13Page - Magnetrol International, Inc. E3A-MA3A-H11 Datasheet HTML 14Page - Magnetrol International, Inc. E3A-MA3A-H11 Datasheet HTML 15Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
48-635 E3 Modulevel Displacer Level Transmitter
To install:
1. Align the Modulevel process connections with those on the
vessel and attach accordingly, based upon the connection
type. Appropriate gaskets and bolting will be required for
flanged connections. Install the flange bolts and nuts and
tighten alternating nuts in a star pattern. Flange bolting
torque specifications are listed on page 9.
NOTE: It is recommended that shut-off valves be installed in each
equalizing line to the chamber, along with a drain valve (refer to
Figure 8). Equalizing lines should be sized at least as large as
the connections provided at the chamber.
2. Make sure that the chamber is vertically level within 3°
in each direction to ensure frictionless operation of the
internal displacer.
Caution: All Modulevels are shipped from the factory with the
enclosing tube tightened and the transmitter head set
screws locked to the enclosing tube. Failure to loosen the
set screws prior to repositioning the supply and output con-
nections may cause the enclosing tube to loosen, resulting
in the possible leakage of the process liquid or vapor.
3. Loosen the transmitter head lock screws (socket type) and
position conduit outlet in the desired direction. See Figure 7.
4. Retighten lock screws.
NOTE: Since the transmitter head is rotatable through 360º, it is impor-
tant to make certain that the controller locking screws are tight
before making electrical connections.
2.5
Wiring
Caution: All versions of the E3 Modulevel transmitter operate at
voltages of 11–36 VDC. Higher voltage will damage the
transmitter.
Wiring between the power supply and the E3 Modulevel
transmitter should be made using minimum of 18 AWG
shielded twisted pair instrument cable. Wiring must be suit-
able for temperatures up to at least +85° C. Within the
transmitter enclosure, connections are made to the terminal
strip and the ground connections. When installing a remote
mount E3 transmitter, refer to Figures 11 & 12 on page 14
for wiring connections.
The directions for wiring the E3 transmitter depend on the
application:
• General Purpose or Non-incendive (Cl I, Div. 2)
• Intrinsically Safe
• Explosion Proof
WARNING! Explosion hazard. Do not disconnect equipment unless
power has been switched off or the area is known to be
non-hazardous.
Liquid
Level
Figure 8
Chamber Type Installation
Side-Side Process Connections


Similar Part No. - E3A-MA3A-H11

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
E3A-JA3A-F11 MAGNETROL-E3A-JA3A-F11 Datasheet
2Mb / 60P
   Liquid Level Displacer Transmitter
E3A-JA3A-H11 MAGNETROL-E3A-JA3A-H11 Datasheet
904Kb / 12P
   Digital E3 Modulevel Liquid Level Displacer Transmitter
E3A-JE3B-F4G MAGNETROL-E3A-JE3B-F4G Datasheet
2Mb / 60P
   Liquid Level Displacer Transmitter
logo
Ohmite Mfg. Co.
E3A-T220-25E OHMITE-E3A-T220-25E Datasheet
426Kb / 2P
   Vertical through-hole PCB mounting
More results

Similar Description - E3A-MA3A-H11

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
E3A-JA3A-H11 MAGNETROL-E3A-JA3A-H11 Datasheet
904Kb / 12P
   Digital E3 Modulevel Liquid Level Displacer Transmitter
E3A-JA3A-F11 MAGNETROL-E3A-JA3A-F11 Datasheet
2Mb / 60P
   Liquid Level Displacer Transmitter
A15-1E2P-BKQ MAGNETROL-A15-1E2P-BKQ Datasheet
666Kb / 28P
   Displacer Type Liquid Level Switches
B74-1B20-BKQ MAGNETROL-B74-1B20-BKQ Datasheet
418Kb / 16P
   External Cage Displacer Actuated Liquid Level Switches
logo
Fuji Electric
EDS7-3I FUJI-EDS7-3I Datasheet
103Kb / 4P
   LIQUID LEVEL TRANSMITTER (FLOAT TYPE)
EDS7-52A FUJI-EDS7-52A Datasheet
264Kb / 6P
   OPTICAL FLANGE TYPE LIQUID LEVEL TRANSMITTER
EDS7-101A FUJI-EDS7-101A Datasheet
159Kb / 6P
   FC SERIES LIQUID LEVEL TRANSMITTER (FLANGE TYPE)
logo
G.M. International
D5015 GMI-D5015 Datasheet
276Kb / 1P
   I.S. SIL2 2/4-Wire HART짰 Transmitter Power Supply
D5011 GMI-D5011 Datasheet
278Kb / 1P
   I.S. SIL3 2-Wire HART짰 Transmitter Power Supply
D5014 GMI-D5014 Datasheet
286Kb / 1P
   I.S. SIL3 2/4-Wire HART짰 Transmitter Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com