Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83CNQ080ASLPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 83CNQ080ASLPBF
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

83CNQ080ASLPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  83CNQ080ASLPBF Datasheet HTML 1Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 2Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 3Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 4Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 5Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 6Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 7Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 8Page - Vishay Siliconix 83CNQ080ASLPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 95354
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 13-Aug-08
For technical questions concerning module products, contact: ind-modules@vishay.com
1
D-61-8, D-61-8-SM, D-61-8-SL
Outline Dimensions
Vishay High Power Products
DIMENSIONS FOR D-61-8 in millimeters (inches)
16.2 (0.640) REF.
14° MIN.
14° MIN.
5.97 (0.235)
5.71 (0.225)
10.79 (0.425) MAX.
3.30 (0.130)
3.04 (0.120)
1.04 (0.041)
0.84 (0.033)
37.97 (1.495)
37.72 (1.485)
(2 x)
R 0.0200
1.40 (0.055)
1.14 (0.045)
(2 x)
(2 x)
30.15 (1.187)
29.90 (1.177)
Ø 4.17 (0.164)
Ø 3.91 (0.154)
(2 x)
8.89 (0.350)
8.73 (0.344)
0.89 (0.035)
0.73 (0.029)
1.98 (0.078)
1.72 (0.068)
5.20 (0.205)
4.95 (0.195)
10.28 (0.405)
10.03 (0.395)
11.05 (0.435) REF.
12
3


Similar Part No. - 83CNQ080ASLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
83CNQ080ASL IRF-83CNQ080ASL Datasheet
207Kb / 8P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
83CNQ080ASL VISHAY-83CNQ080ASL Datasheet
125Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
More results

Similar Description - 83CNQ080ASLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
81CNQ035APBF VISHAY-81CNQ035APBF Datasheet
105Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 27-Oct-08
88CNQ060A VISHAY-88CNQ060A Datasheet
111Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 02-Sep-08
82CNQ030A VISHAY-82CNQ030A Datasheet
122Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Aug-08
80CNQ035APBF VISHAY-80CNQ035APBF_10 Datasheet
161Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF Datasheet
107Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 13-Aug-08
87CNQ020A VISHAY-87CNQ020A Datasheet
131Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
87CNQ020APBF VISHAY-87CNQ020APBF Datasheet
117Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Sep-08
81CNQ035APBF VISHAY-81CNQ035APBF_10 Datasheet
152Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
VS-83CNQ VISHAY-VS-83CNQ Datasheet
164Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF_10 Datasheet
158Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com