Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM16W08 Datasheet(PDF) 7 Page - Ramtron International Corporation

Part # FM16W08
Description  64Kb Wide Voltage Bytewide F-RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM16W08 Datasheet(HTML) 7 Page - Ramtron International Corporation

Back Button FM16W08 Datasheet HTML 3Page - Ramtron International Corporation FM16W08 Datasheet HTML 4Page - Ramtron International Corporation FM16W08 Datasheet HTML 5Page - Ramtron International Corporation FM16W08 Datasheet HTML 6Page - Ramtron International Corporation FM16W08 Datasheet HTML 7Page - Ramtron International Corporation FM16W08 Datasheet HTML 8Page - Ramtron International Corporation FM16W08 Datasheet HTML 9Page - Ramtron International Corporation FM16W08 Datasheet HTML 10Page - Ramtron International Corporation FM16W08 Datasheet HTML 11Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FM16W08
Rev. 1.2
Mar. 2011
Page 7 of 11
Read Cycle AC Parameters (TA = -40°C to + 85°C, CL = 30 pF, unless otherwise specified)
VDD 2.7 to 3.0V
VDD 3.0 to 5.5V
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
tCE
Chip Enable Access Time (to data valid)
80
70
ns
tCA
Chip Enable Active Time
80
70
ns
tRC
Read Cycle Time
145
130
ns
tPC
Precharge Time
65
60
ns
tAS
Address Setup Time
0
0
ns
tAH
Address Hold Time
15
15
ns
tOE
Output Enable Access Time
15
12
ns
tHZ
Chip Enable to Output High-Z
15
15
ns
1
tOHZ
Output Enable to Output High-Z
15
15
ns
1
Write Cycle AC Parameters (TA = -40°C to + 85°C, unless otherwise specified)
VDD 2.7 to 3.0V
VDD 3.0 to 5.5V
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
tCA
Chip Enable Active Time
80
70
ns
tCW
Chip Enable to Write High
80
70
ns
tWC
Write Cycle Time
145
130
ns
tPC
Precharge Time
65
60
ns
tAS
Address Setup Time
0
0
ns
tAH
Address Hold Time
15
15
ns
tWP
Write Enable Pulse Width
50
40
ns
tDS
Data Setup
40
30
ns
tDH
Data Hold
0
0
ns
tWZ
Write Enable Low to Output High Z
15
15
ns
1
tWX
Write Enable High to Output Driven
10
10
ns
1
tHZ
Chip Enable to Output High-Z
15
15
ns
1
tWS
Write Enable Setup
0
0
ns
2
tWH
Write Enable Hold
0
0
ns
2
Notes
1
This parameter is periodically sampled and not 100% tested.
2
The relationship between /CE and /WE determines if a /CE- or /WE-controlled write occurs. There is no timing
specification associated with this relationship.
Data Retention
Symbol
Parameter
Min
Max
Units
Notes
TDR
@
+85ºC
10
-
Years
@
+80ºC
19
-
Years
@
+75ºC
38
-
Years


Similar Part No. - FM16W08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM16W08 CYPRESS-FM16W08 Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
FM16W08-SGTR CYPRESS-FM16W08-SGTR Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
More results

Similar Description - FM16W08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM18W08 CYPRESS-FM18W08 Datasheet
325Kb / 12P
   256Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM16W08 CYPRESS-FM16W08 Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com