Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110RKI80 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 110RKI80
Description  Phase Control Thyristors (Stud Version), 110 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110RKI80 Datasheet(HTML) 5 Page - Vishay Siliconix

  110RKI80 Datasheet HTML 1Page - Vishay Siliconix 110RKI80 Datasheet HTML 2Page - Vishay Siliconix 110RKI80 Datasheet HTML 3Page - Vishay Siliconix 110RKI80 Datasheet HTML 4Page - Vishay Siliconix 110RKI80 Datasheet HTML 5Page - Vishay Siliconix 110RKI80 Datasheet HTML 6Page - Vishay Siliconix 110RKI80 Datasheet HTML 7Page - Vishay Siliconix 110RKI80 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94379
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 04-Nov-09
5
110RKI...PbF, 111RKI...PbF Series
Phase Control Thyristors
(Stud Version), 110 A
Vishay High Power Products
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristic
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
800
1000
1200
1800
1600
1400
2000
94379_05
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 140 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
Pulse Train Duration (s)
0.1
10
1
0.01
500
1000
1500
2000
2500
94379_06
Maximum non-repetitive surge current
versus pulse train duration. Control of
conduction may not be maintained.
Initial T
J = 140 °C
No voltage reapplied
Rated V
RRM reapplied
Instantaneous On-State Voltage (V)
012345
1
100
10
10 000
1000
94379_07
T
J = 140 °C
T
J = 25 °C
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
94379_08
Steady state value
R
thJC = 0.27 K/W
(DC operation)


Similar Part No. - 110RKI80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
110RKI80 IRF-110RKI80 Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
110RKI80 IRF-110RKI80 Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
110RKI80 VISHAY-110RKI80 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
110RKI80 VISHAY-110RKI80 Datasheet
199Kb / 9P
   Phase Control Thyristors
Revision: 06-Jun-08
110RKI80PBF VISHAY-110RKI80PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
More results

Similar Description - 110RKI80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110RKI40 VISHAY-110RKI40 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
VS-110RKIPBF VISHAY-VS-110RKIPBF_V01 Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
ST110SPBF VISHAY-ST110SPBF_10 Datasheet
166Kb / 10P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 17-Aug-10
VS-110RKIPB VISHAY-VS-110RKIPB Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
VS-110RKIPBF VISHAY-VS-110RKIPBF Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 24-Jan-18
VS-ST110SPBF VISHAY-VS-ST110SPBF_V01 Datasheet
189Kb / 9P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com