Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110RKI80 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 110RKI80
Description  Phase Control Thyristors (Stud Version), 110 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110RKI80 Datasheet(HTML) 7 Page - Vishay Siliconix

  110RKI80 Datasheet HTML 1Page - Vishay Siliconix 110RKI80 Datasheet HTML 2Page - Vishay Siliconix 110RKI80 Datasheet HTML 3Page - Vishay Siliconix 110RKI80 Datasheet HTML 4Page - Vishay Siliconix 110RKI80 Datasheet HTML 5Page - Vishay Siliconix 110RKI80 Datasheet HTML 6Page - Vishay Siliconix 110RKI80 Datasheet HTML 7Page - Vishay Siliconix 110RKI80 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 95363
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 25-Sep-08
1
TO-209AC (TO-94) for 110RKI and 111RKI Series
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
Note
• For metric device: M12 x 1.75 contact factory
Fast-on terminals
C.S. 0.4 mm
2
White shrink
Red shrink
Red cathode
Red silicon rubber
Ø 4.3 (0.17)
10 (0.39) MAX.
(0.0006 s.i.)
Ceramic housing
Ø 8.5 (0.33)
16.5 (0.65) MAX.
Ø 22.5 (0.88) MAX.
C.S. 16 mm
2
(0.025 s.i.)
Flexible lead
2.6 (0.10) MAX.
29.5 (1.16) MAX.
1/2"-20UNF-2A
SW 27
White gate
AMP. 280000-1
REF-250
20 (0.79) MIN.
24 (0.94)
MAX.
21 (0.83)
MAX.
157 (6.18)
170 (6.69)
55 (2.16)
MIN.
215 ± 10
(8.46 ± 0.39)


Similar Part No. - 110RKI80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
110RKI80 IRF-110RKI80 Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
110RKI80 IRF-110RKI80 Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
110RKI80 VISHAY-110RKI80 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
110RKI80 VISHAY-110RKI80 Datasheet
199Kb / 9P
   Phase Control Thyristors
Revision: 06-Jun-08
110RKI80PBF VISHAY-110RKI80PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
More results

Similar Description - 110RKI80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110RKI40 VISHAY-110RKI40 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
VS-110RKIPBF VISHAY-VS-110RKIPBF_V01 Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
ST110SPBF VISHAY-ST110SPBF_10 Datasheet
166Kb / 10P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 17-Aug-10
VS-110RKIPB VISHAY-VS-110RKIPB Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
VS-110RKIPBF VISHAY-VS-110RKIPBF Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 24-Jan-18
VS-ST110SPBF VISHAY-VS-ST110SPBF_V01 Datasheet
189Kb / 9P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com