Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52MT80KPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 52MT80KPBF
Description  Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

52MT80KPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  52MT80KPBF Datasheet HTML 1Page - Vishay Siliconix 52MT80KPBF Datasheet HTML 2Page - Vishay Siliconix 52MT80KPBF Datasheet HTML 3Page - Vishay Siliconix 52MT80KPBF Datasheet HTML 4Page - Vishay Siliconix 52MT80KPBF Datasheet HTML 5Page - Vishay Siliconix 52MT80KPBF Datasheet HTML 6Page - Vishay Siliconix 52MT80KPBF Datasheet HTML 7Page - Vishay Siliconix 52MT80KPBF Datasheet HTML 8Page - Vishay Siliconix 52MT80KPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 94353
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 13-Aug-08
3
5.MT...KPbF, 9.MT...KPbF, 11.MT...KPbF Series
Three Phase Controlled Bridge
(Power Modules), 55 A to 110 A
Vishay High Power Products
Note
(1) Available with dV/dt = 1000 V/μs, to complete code add S90 i. e. 113MT160KBS90
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
5.MT...K
9.MT...K
11.MT...K
UNITS
RMS isolation voltage
VISOL
TJ = 25 °C all terminal shorted, f = 50 Hz, t = 1 s
4000
V
Maximum critical rate of rise of
off-state voltage
dV/dt (1)
TJ = TJ maximum, linear to 0.67 VDRM,
gate open circuit
500
V/μs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
5.MT...K
9.MT...K
11.MT...K
UNITS
Maximum peak gate power
PGM
TJ = TJ maximum
10
W
Maximum average gate power
PG(AV)
2.5
Maximum peak gate current
IGM
2.5
A
Maximum peak negative
gate voltage
- VGT
10
V
Maximum required DC gate
voltage to trigger
VGT
TJ = - 40 °C
Anode supply = 6 V,
resistive load
4.0
TJ = 25 °C
2.5
TJ = 125 °C
1.7
Maximum required DC gate
current to trigger
IGT
TJ = - 40 °C
270
mA
TJ = 25 °C
150
TJ = 125 °C
80
Maximum gate voltage
that will not trigger
VGD
TJ = TJ maximum, rated VDRM applied
0.25
V
Maximum gate current
that will not trigger
IGD
6mA
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
5.MT...K
9.MT...K
11.MT...K
UNITS
Maximum junction operating
and storage temperature range
TJ, TStg
- 40 to 125
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation per module
0.18
0.14
0.12
K/W
DC operation per junction
1.07
0.86
0.70
120 °C rect. conduction angle per module
0.19
0.15
0.12
120 °C rect. conduction angle per junction
1.17
0.91
0.74
Maximum thermal resistance,
case to heatsink per module
RthCS
Mounting surface smooth, flat and grased
0.03
Mounting
torque ± 10 %
to heatsink
A mounting compound is recommended and
the torque should be rechecked after a period of
3 hours to allow for the spread of the
compound. Lubricated threads.
4 to 6
Nm
to terminal
3 to 4
Approximate weight
225
g


Similar Part No. - 52MT80KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
52MT80KB IRF-52MT80KB Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
52MT80KBS90 IRF-52MT80KBS90 Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
More results

Similar Description - 52MT80KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2022
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2019
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF_V01 Datasheet
233Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2023
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2022
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2023
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
90-110MT.KPBF VISHAY-90-110MT.KPBF Datasheet
171Kb / 8P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com