Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24V02 Datasheet(PDF) 7 Page - Ramtron International Corporation

Part # FM24V02
Description  256Kb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24V02 Datasheet(HTML) 7 Page - Ramtron International Corporation

Back Button FM24V02 Datasheet HTML 3Page - Ramtron International Corporation FM24V02 Datasheet HTML 4Page - Ramtron International Corporation FM24V02 Datasheet HTML 5Page - Ramtron International Corporation FM24V02 Datasheet HTML 6Page - Ramtron International Corporation FM24V02 Datasheet HTML 7Page - Ramtron International Corporation FM24V02 Datasheet HTML 8Page - Ramtron International Corporation FM24V02 Datasheet HTML 9Page - Ramtron International Corporation FM24V02 Datasheet HTML 10Page - Ramtron International Corporation FM24V02 Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FM24V02 - 256Kb I2C FRAM
Rev. 2.0
May 2010
Page 7 of 16
issues a start condition. This simultaneously aborts
the write operation and allows the read command to
be issued with the slave address LSB set to a ‘1’. The
operation is now a current address read.
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24V02
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Figure 7. Current Address Read
S
A
Slave Address
1
Data Byte
1 P
By Master
By FM24V02
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Data Byte
A
Acknowledge
Figure 8. Sequential Read
S
A
Slave Address
1
Data Byte
1 P
By Master
By FM24V02
Start
Address
Stop
No
Acknowledge
Data
S
A
Slave Address
0
Address MSB
A
Start
Address
Acknowledge
Address LSB
A
Figure 9. Selective (Random) Read
S
A
Slave Address 1
Data Byte
1 P
By Master
By FM24V02
Start &
Enter HS-mode Address
Stop &
Exit HS-mode
No
Acknowledge
Data
S
1
Start
Acknowledge
X
X
X
1
0
0
0
0
HS-mode command
No
Acknowledge
Figure 10. HS-mode Current Address Read
S
A
Slave Address 0
Data Byte
A P
By Master
By FM24V02
Start &
Enter HS-mode
Address & Data
Stop &
Exit HS-mode
S
1
Start
Acknowledge
X
X
X
1
0
0
0
0
HS-mode command
Address MSB
A
Address LSB
A
No
Acknowledge
Figure 11. HS-mode Byte Write


Similar Part No. - FM24V02

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02-G RAMTRON-FM24V02-G Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02-G CYPRESS-FM24V02-G Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02-GTR RAMTRON-FM24V02-GTR Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24V02

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com