Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25CL64B-G Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # FM25CL64B-G
Description  64Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL64B-G Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM25CL64B-G Datasheet HTML 6Page - Ramtron International Corporation FM25CL64B-G Datasheet HTML 7Page - Ramtron International Corporation FM25CL64B-G Datasheet HTML 8Page - Ramtron International Corporation FM25CL64B-G Datasheet HTML 9Page - Ramtron International Corporation FM25CL64B-G Datasheet HTML 10Page - Ramtron International Corporation FM25CL64B-G Datasheet HTML 11Page - Ramtron International Corporation FM25CL64B-G Datasheet HTML 12Page - Ramtron International Corporation FM25CL64B-G Datasheet HTML 13Page - Ramtron International Corporation FM25CL64B-G Datasheet HTML 14Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FM25CL64B - 64Kb 3V SPI F-RAM
Rev. 1.2
Feb. 2011
Page 11 of 14
Serial Data Bus Timing
/Hold Timing
Power Cycle Timing
Power Cycle Timing (TA = -40
° C to + 85° C, VDD = 2.7V to 3.65V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
VDD(min) to First Access Start
10
-
ms
tPD
Last Access Complete to VDD(min)
0
-
µs
tVR
VDD Rise Time
30
-
µs/V
1
tVF
VDD Fall Time
100
-
µs/V
1
Notes
1. Slope measured at any point on VDD waveform.


Similar Part No. - FM25CL64B-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25CL64B-G CYPRESS-FM25CL64B-G Datasheet
509Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-G CYPRESS-FM25CL64B-G Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM25CL64B-GATR CYPRESS-FM25CL64B-GATR Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM25CL64B-GTR CYPRESS-FM25CL64B-GTR Datasheet
509Kb / 14P
   64Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25CL64B-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B Datasheet
509Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com