Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25V02-G Datasheet(PDF) 10 Page - Ramtron International Corporation

Part # FM25V02-G
Description  256Kb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V02-G Datasheet(HTML) 10 Page - Ramtron International Corporation

Back Button FM25V02-G Datasheet HTML 6Page - Ramtron International Corporation FM25V02-G Datasheet HTML 7Page - Ramtron International Corporation FM25V02-G Datasheet HTML 8Page - Ramtron International Corporation FM25V02-G Datasheet HTML 9Page - Ramtron International Corporation FM25V02-G Datasheet HTML 10Page - Ramtron International Corporation FM25V02-G Datasheet HTML 11Page - Ramtron International Corporation FM25V02-G Datasheet HTML 12Page - Ramtron International Corporation FM25V02-G Datasheet HTML 13Page - Ramtron International Corporation FM25V02-G Datasheet HTML 14Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
FM25V02 - 256Kb SPI FRAM
Rev. 2.0
May 2010
Page 10 of 17
Unique Serial Number (FM25VN02 only)
The FM25VN02 device incorporates a read-only 8-
byte serial number. It can be used to uniquely
identify a pc board or system. The serial number
includes a 40-bit unique number, an 8-bit CRC, and a
16-bit number that can be defined upon request by
the customer. If a customer-specific number is not
requested, the 16-bit Customer Identifier is 0x0000.
The serial number is read by issuing the SNR op-
code (C3h).
The 8-bit CRC value can be used to compare to the
value calculated by the controller. If the two values
match, then the communication between slave and
master was performed without errors. The function
(shown below) is used to calculate the CRC value.
To perform the calculation, 7 bytes of data are filled
into a memory buffer in the same order as they are
read from the part – i.e. byte7, byte6, byte5, byte4,
byte3, byte2, byte1 of the serial number. The
calculation is performed on the 7 bytes, and the result
should match the final byte out from the part which is
byte0, the 8-bit CRC value.
CUSTOMER IDENTIFIER *
40-bit UNIQUE NUMBER
8-bit CRC
SN(63:56)
SN(55:48)
SN(47:40)
SN(39:32)
SN(31:24)
SN(23:16)
SN(15:8)
SN(7:0)
* Contact factory for requesting a customer identifier number.
Figure 14. 8-Byte Serial Number (read-only)
Function to Calculate CRC
BYTE calcCRC8( BYTE* pData, int nBytes )
{
static BYTE crctable[256] = {
0x00, 0x07, 0x0E, 0x09, 0x1C, 0x1B, 0x12, 0x15,
0x38, 0x3F, 0x36, 0x31, 0x24, 0x23, 0x2A, 0x2D,
0x70, 0x77, 0x7E, 0x79, 0x6C, 0x6B, 0x62, 0x65,
0x48, 0x4F, 0x46, 0x41, 0x54, 0x53, 0x5A, 0x5D,
0xE0, 0xE7, 0xEE, 0xE9, 0xFC, 0xFB, 0xF2, 0xF5,
0xD8, 0xDF, 0xD6, 0xD1, 0xC4, 0xC3, 0xCA, 0xCD,
0x90, 0x97, 0x9E, 0x99, 0x8C, 0x8B, 0x82, 0x85,
0xA8, 0xAF, 0xA6, 0xA1, 0xB4, 0xB3, 0xBA, 0xBD,
0xC7, 0xC0, 0xC9, 0xCE, 0xDB, 0xDC, 0xD5, 0xD2,
0xFF, 0xF8, 0xF1, 0xF6, 0xE3, 0xE4, 0xED, 0xEA,
0xB7, 0xB0, 0xB9, 0xBE, 0xAB, 0xAC, 0xA5, 0xA2,
0x8F, 0x88, 0x81, 0x86, 0x93, 0x94, 0x9D, 0x9A,
0x27, 0x20, 0x29, 0x2E, 0x3B, 0x3C, 0x35, 0x32,
0x1F, 0x18, 0x11, 0x16, 0x03, 0x04, 0x0D, 0x0A,
0x57, 0x50, 0x59, 0x5E, 0x4B, 0x4C, 0x45, 0x42,
0x6F, 0x68, 0x61, 0x66, 0x73, 0x74, 0x7D, 0x7A,
0x89, 0x8E, 0x87, 0x80, 0x95, 0x92, 0x9B, 0x9C,
0xB1, 0xB6, 0xBF, 0xB8, 0xAD, 0xAA, 0xA3, 0xA4,
0xF9, 0xFE, 0xF7, 0xF0, 0xE5, 0xE2, 0xEB, 0xEC,
0xC1, 0xC6, 0xCF, 0xC8, 0xDD, 0xDA, 0xD3, 0xD4,
0x69, 0x6E, 0x67, 0x60, 0x75, 0x72, 0x7B, 0x7C,
0x51, 0x56, 0x5F, 0x58, 0x4D, 0x4A, 0x43, 0x44,
0x19, 0x1E, 0x17, 0x10, 0x05, 0x02, 0x0B, 0x0C,
0x21, 0x26, 0x2F, 0x28, 0x3D, 0x3A, 0x33, 0x34,
0x4E, 0x49, 0x40, 0x47, 0x52, 0x55, 0x5C, 0x5B,
0x76, 0x71, 0x78, 0x7F, 0x6A, 0x6D, 0x64, 0x63,
0x3E, 0x39, 0x30, 0x37, 0x22, 0x25, 0x2C, 0x2B,
0x06, 0x01, 0x08, 0x0F, 0x1A, 0x1D, 0x14, 0x13,
0xAE, 0xA9, 0xA0, 0xA7, 0xB2, 0xB5, 0xBC, 0xBB,
0x96, 0x91, 0x98, 0x9F, 0x8A, 0x8D, 0x84, 0x83,
0xDE, 0xD9, 0xD0, 0xD7, 0xC2, 0xC5, 0xCC, 0xCB,
0xE6, 0xE1, 0xE8, 0xEF, 0xFA, 0xFD, 0xF4, 0xF3
};
BYTE crc = 0;
while( nBytes-- ) crc = crctable[crc ^ *pData++];
return crc;
}


Similar Part No. - FM25V02-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25V02-G CYPRESS-FM25V02-G Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-G CYPRESS-FM25V02-G Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
FM25V02-GTR CYPRESS-FM25V02-GTR Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-GTR CYPRESS-FM25V02-GTR Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25V02-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com