Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25W256-G Datasheet(PDF) 9 Page - Ramtron International Corporation

Part # FM25W256-G
Description  256Kb Wide Voltage SPI F-RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25W256-G Datasheet(HTML) 9 Page - Ramtron International Corporation

Back Button FM25W256-G Datasheet HTML 5Page - Ramtron International Corporation FM25W256-G Datasheet HTML 6Page - Ramtron International Corporation FM25W256-G Datasheet HTML 7Page - Ramtron International Corporation FM25W256-G Datasheet HTML 8Page - Ramtron International Corporation FM25W256-G Datasheet HTML 9Page - Ramtron International Corporation FM25W256-G Datasheet HTML 10Page - Ramtron International Corporation FM25W256-G Datasheet HTML 11Page - Ramtron International Corporation FM25W256-G Datasheet HTML 12Page - Ramtron International Corporation FM25W256-G Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FM25W256 - 256Kb SPI F-RAM
Rev. 1.3
Feb. 2011
Page 9 of 13
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +7.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +7.0V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55
°C to + 125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260
° C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
4kV
1.25kV
250V
Package Moisture Sensitivity Level
MSL-1
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40
°C to + 85°C, VDD = 2.7V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
2.7
3.3
5.5
V
IDD
Power Supply Current
@ SCK = 1.0 MHz
@ SCK = 20.0 MHz
-
-
0.25
2.0
mA
mA
1
ISB
Standby Current
15
30
µA
2
ILI
Input Leakage Current
-
±1
µA
3
ILO
Output Leakage Current
-
±1
µA
3
VIH
Input High Voltage
0.7 VDD
VDD + 0.5
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOH
Output High Voltage
@ IOH = -2 mA
VDD – 0.8
-
V
VOL
Output Low Voltage
@ IOL = 2 mA
-
0.4
V
Notes
1. SCK toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V.
2. SCK = SI = /CS=VDD. All inputs VSS or VDD.
3. VSS ≤ VIN ≤ VDD and VSS ≤ VOUT ≤ VDD.


Similar Part No. - FM25W256-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25W256-G ETC1-FM25W256-G Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Cypress Semiconductor
FM25W256-G CYPRESS-FM25W256-G Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
FM25W256-G CYPRESS-FM25W256-G Datasheet
411Kb / 14P
   256Kb Wide Voltage SPI F-RAM
FM25W256-G CYPRESS-FM25W256-G Datasheet
416Kb / 16P
   256Kb Wide Voltage SPI F-RAM
FM25W256-GTR CYPRESS-FM25W256-GTR Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
More results

Similar Description - FM25W256-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25W256 CYPRESS-FM25W256 Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
FM25W256-G CYPRESS-FM25W256-G Datasheet
416Kb / 16P
   256Kb Wide Voltage SPI F-RAM
FM25W256 CYPRESS-FM25W256_13 Datasheet
411Kb / 14P
   256Kb Wide Voltage SPI F-RAM
logo
Ramtron International C...
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM24W256 CYPRESS-FM24W256 Datasheet
356Kb / 14P
   256Kb Wide Voltage Serial F-RAM
logo
Ramtron International C...
FM24W256 RAMTRON-FM24W256 Datasheet
231Kb / 13P
   256Kb Wide Voltage Serial F-RAM
logo
Cypress Semiconductor
FM18W08 CYPRESS-FM18W08 Datasheet
325Kb / 12P
   256Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com