Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25V10-GTR Datasheet(PDF) 6 Page - Ramtron International Corporation

Part # FM25V10-GTR
Description  1Mb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V10-GTR Datasheet(HTML) 6 Page - Ramtron International Corporation

Back Button FM25V10-GTR Datasheet HTML 2Page - Ramtron International Corporation FM25V10-GTR Datasheet HTML 3Page - Ramtron International Corporation FM25V10-GTR Datasheet HTML 4Page - Ramtron International Corporation FM25V10-GTR Datasheet HTML 5Page - Ramtron International Corporation FM25V10-GTR Datasheet HTML 6Page - Ramtron International Corporation FM25V10-GTR Datasheet HTML 7Page - Ramtron International Corporation FM25V10-GTR Datasheet HTML 8Page - Ramtron International Corporation FM25V10-GTR Datasheet HTML 9Page - Ramtron International Corporation FM25V10-GTR Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FM25V10 - 1Mb SPI FRAM
Rev. 2.0
May 2010
Page 6 of 16
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status Register. Prior to issuing a WRSR
command, the /W pin must be high or inactive. Prior
to sending the WRSR command, the user must send
a WREN command to enable writes. Note that
executing a WRSR command is a write operation
and therefore clears the Write Enable Latch. The bus
configuration of RDSR and WRSR are shown
below.
Figure 7. RDSR Bus Configuration
Figure 8. WRSR Bus Configuration
Status Register & Write Protection
The write protection features of the FM25V10 are
multi-tiered. Taking the /W pin to a logic low state is
the hardware write-protect function. Status Register
write operations are blocked when /W is low. To
write the memory with /W high, a WREN op-code
must first be issued. Assuming that writes are enabled
using WREN and by /W, writes to memory are
controlled by the Status Register. As described
above, writes to the Status Register are performed
using the WRSR command and subject to the /W pin.
The Status Register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
WPEN
1
0
0
BP1
BP0
WEL
0
Bits 0, 4, 5 are fixed at 0 and bit 6 is fixed at 1, and
none of these bits can be modified. Note that bit 0
(“Ready” in Serial Flash) is unnecessary as the F-
RAM writes in real-time and is never busy, so it
reads out as a ‘0’. There is an exception to this when
the device is waking up from Sleep Mode, which is
described on the following page. The BP1 and BP0
control software write protection features. They are
nonvolatile (shaded yellow). The WEL flag indicates
the state of the Write Enable Latch. Attempting to
directly write the WEL bit in the Status Register has
no effect on its state. This bit is internally set and
cleared via the WREN and WRDI commands,
respectively.
BP1 and BP0 are memory block write protection bits.
They specify portions of memory that are write-
protected as shown in the following table.
Table 3. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
18000h to 1FFFFh (upper ¼)
1
0
10000h to 1FFFFh (upper ½)
1
1
00000h to 1FFFFh (all)
The BP1 and BP0 bits and the Write Enable Latch
are the only mechanisms that protect the memory
from writes. The remaining write protection features
protect inadvertent changes to the block protect bits.
The WPEN bit controls the effect of the hardware /W
pin. When WPEN is low, the /W pin is ignored.
When WPEN is high, the /W pin controls write
access to the Status Register. Thus the Status Register
is write protected if WPEN=1 and /W=0.
This scheme provides a write protection mechanism,
which can prevent software from writing the memory
S
C
D
Q
S
C
D
Q


Similar Part No. - FM25V10-GTR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25V10-GTR CYPRESS-FM25V10-GTR Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM25V10-GTR CYPRESS-FM25V10-GTR Datasheet
484Kb / 17P
   1Mb Serial 3V F-RAM Memory
More results

Similar Description - FM25V10-GTR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10 Datasheet
441Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM25V10 CYPRESS-FM25V10_13 Datasheet
484Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V10 RAMTRON-FM24V10_10 Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10_13 Datasheet
417Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V10 RAMTRON-FM24V10 Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V10 CYPRESS-FM25V10 Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com