Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

403CMQ100 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 403CMQ100
Description  Schottky Rectifier, 400 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

403CMQ100 Datasheet(HTML) 6 Page - Vishay Siliconix

  403CMQ100 Datasheet HTML 1Page - Vishay Siliconix 403CMQ100 Datasheet HTML 2Page - Vishay Siliconix 403CMQ100 Datasheet HTML 3Page - Vishay Siliconix 403CMQ100 Datasheet HTML 4Page - Vishay Siliconix 403CMQ100 Datasheet HTML 5Page - Vishay Siliconix 403CMQ100 Datasheet HTML 6Page - Vishay Siliconix 403CMQ100 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95269
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 13-Jan-10
1
TO-244AB Isolated
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
92.71 (3.650)
90.17 (3.550)
80.01 (3.150)
40.26 (1.585)
39.75 (1.565)
34.925 (1.375)
REF.
1/4-20 slotted hex
12
3
63.50 (2.500)
60.96 (2.400)
3.35 (0.132)
3.02 (0.119)
Ø 7.49 (0.295)
Ø 6.99 (0.275)
(2 places)
15.75 (0.620)
14.99 (0.590)
20.32 (0.800)
17.78 (0.700)
23.55 (0.927)
20.42 (0.804)
Common
cathode


Similar Part No. - 403CMQ100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
403CMQ100 IRF-403CMQ100 Datasheet
126Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
403CMQ100 SENSITRON-403CMQ100 Datasheet
185Kb / 4P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
403CMQ100 SMC-403CMQ100 Datasheet
218Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 403CMQ100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400CNQ045PBF VISHAY-400CNQ045PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS403 VISHAY-VSKCS403 Datasheet
157Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
VSKCS408 VISHAY-VSKCS408 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
409CNQPBF VISHAY-409CNQPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS409 VISHAY-VSKCS409 Datasheet
161Kb / 6P
   Schottky Rectifier, 400 A
Revision: 27-Oct-08
VSKJS403 VISHAY-VSKJS403 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 25-Apr-08
logo
Nell Semiconductor Co.,...
NKSD400-100 NELLSEMI-NKSD400-100 Datasheet
384Kb / 6P
   Schottky Rectifier, 400 A
logo
Vishay Siliconix
409CNQ135PBF VISHAY-409CNQ135PBF_12 Datasheet
126Kb / 7P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS400 VISHAY-VSKCS400 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 23-Apr-08
401CNQPBF VISHAY-401CNQPBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com