Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM31L278 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM31L278
Description  3V Integrated Processor Companion with Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31L278 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM31L278_11 Datasheet HTML 1Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 2Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 3Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 4Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 5Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 6Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 7Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 8Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Pre-Production
This is a product in pre-production phase of development. Device
Ramtron International Corporation
characterization is complete and Ramtron does not expect to change
1850 Ramtron Drive, Colorado Springs, CO 80921
the specifications. Ramtron will issue a Product Change Notice if
(800) 545-FRAM, (719) 481-7000
any specification changes are made.
http://www.ramtron.com
Rev. 2.1
Sept. 2011
Page 1 of 26
FM31L278/FM31L276
FM31L274/FM31L272
3V Integrated Processor Companion with Memory
Features
High Integration Device Replaces Multiple Parts
Serial Nonvolatile Memory
Real-time Clock (RTC)
Low Voltage Reset
Watchdog Timer
Early Power-Fail Warning/NMI
Two 16-bit Event Counters
Serial Number with Write-lock for Security
Ferroelectric Nonvolatile RAM
4Kb, 16Kb, 64Kb, and 256Kb versions
Virtually Unlimited Read/Write Endurance
38 year Data Retention (+75C)
NoDelay™ Writes
Real-time Clock/Calendar
Backup Current under 1.4 A
Seconds through Centuries in BCD format
Tracks Leap Years through 2099
Uses Standard 32.768 kHz Crystal (12.5pF)
Software Calibration
Supports Battery or Capacitor Backup
Processor Companion
Active-low Reset Output for VDD and Watchdog
Programmable VDD Reset Trip Point
Manual Reset Filtered and Debounced
Programmable Watchdog Timer
Dual Battery-backed Event Counter Tracks
System Intrusions or other Events
Comparator for Early Power-Fail Interrupt
64-bit Programmable Serial Number with Lock
Fast Two-wire Serial Interface
Up to 1 MHz Maximum Bus Frequency
Supports Legacy Timing for 100 kHz & 400 kHz
Device Select Pins for up to 4 Memory Devices
RTC, Supervisor Controlled via 2-wire Interface
Easy to Use Configurations
Operates from 2.7 to 3.6V
14-pin “Green”/RoHS SOIC package (-G)
Low Operating Current
-40C to +85C Operation
Underwriters Laboratory (UL) Recognized
Description
The FM31L27x is a family of integrated devices that
includes the most commonly needed functions for
processor-based systems. Major features include
nonvolatile memory available in various sizes, real-
time
clock,
low-VDD
reset,
watchdog
timer,
nonvolatile event counter, lockable 64-bit serial
number area, and general purpose comparator that
can be used for an early power-fail (NMI) interrupt or
other purpose. The family operates from 2.7 to 3.6V.
Each
FM31L27x
provides
nonvolatile
RAM
available in sizes including 4Kb, 16Kb, 64Kb, and
256Kb versions. Fast write speed and unlimited
endurance allow the memory to serve as extra RAM
or conventional nonvolatile storage. This memory is
truly nonvolatile rather than battery backed.
The real-time clock (RTC) provides time and date
information in BCD format. It can be permanently
powered from external backup voltage source, either
a battery or a capacitor. The timekeeper uses a
common external 32.768 kHz crystal and provides a
calibration mode that allows software adjustment of
timekeeping accuracy.
The processor companion includes commonly needed
CPU
support
functions.
Supervisory
functions
include a reset output signal controlled by either a
low VDD condition or a watchdog timeout. /RST
goes active when VDD drops below a programmable
threshold and remains active for 100 ms after VDD
rises above the trip point. A programmable watchdog
timer runs from 100 ms to 3 seconds. The watchdog
timer is optional, but if enabled it will assert the reset
signal for 100 ms if not restarted by the host before
the timeout. A flag-bit indicates the source of the
reset.


Similar Part No. - FM31L278_11

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31L278-G RAMTRON-FM31L278-G Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L278-G CYPRESS-FM31L278-G Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L278-GTR RAMTRON-FM31L278-GTR Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L278-GTR CYPRESS-FM31L278-GTR Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
More results

Similar Description - FM31L278_11

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com