Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1416 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SA1416
Description  High-Voltage Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1416 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SA1416_10 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1416_10 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1416_10 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1416_10 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1416_10 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA1416 / 2SC3646
No.2005-3/5
IC -- VCE
IC -- VCE
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
ITR03526
0--2
--1
--4
--3
--5
2
14
35
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
0
--100
--300
--200
--400
--500
0.2
0.4
0.6
0.8
1.0
0
100
300
200
400
500
0
ITR03527
10
20
30
40
50
0
ITR03529
ITR03528
--40
--30
--50
--10
--20
0
--15
mA
--20
mA
--30
mA
--25
mA
--10
mA
--5mA
--3mA
--2mA
--1mA
IB=0mA
2SA1416
2SC3646
2SC3646
IB=0mA
IB=0mA
2SA1416
15mA
20mA
30mA
25mA
10mA
5mA
3mA
2mA
1mA
--2.5
mA
--2.0mA
--1.5mA
--1.0mA
--0.5mA
IB=0mA
0.5mA
2.0mA
1.5mA
1.0mA
ITR03533
ITR03532
ITR03530
57
73
2
--0.01
--0.1
57
3
23
2
--1.0
--0.4
--0.2
0
--0.6
--0.8
--1.2
--1.0
0.4
0.2
0
0.6
0.8
1.2
1.0
10
100
1000
5
7
3
2
5
7
3
2
57
73
2
0.01
0.1
57
3
23
2
1.0
10
100
1000
5
7
3
2
5
7
3
2
--0.6
--0.8
0
--0.4
--0.2
--1.0
--1.2
0.6
0.8
0
0.4
0.2
1.0
1.2
ITR03531
2SA1416
VCE=--5V
2SC3646
VCE=5V
2SA1416
VCE=--5V
2SC3646
VCE=5V
--25
°C
25
°C
Ta=75°C
--25
°C
25
°C
Ta=75°C


Similar Part No. - 2SA1416_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1416 SANYO-2SA1416_12 Datasheet
457Kb / 7P
   High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1416 KEXIN-2SA1416_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SA1416_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com