Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM31T376-G Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM31T376-G
Description  System Supervisor & Temperature Compensated RTC(TCXO) with Embedded Crystal
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31T376-G Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM31T376-G Datasheet HTML 4Page - Ramtron International Corporation FM31T376-G Datasheet HTML 5Page - Ramtron International Corporation FM31T376-G Datasheet HTML 6Page - Ramtron International Corporation FM31T376-G Datasheet HTML 7Page - Ramtron International Corporation FM31T376-G Datasheet HTML 8Page - Ramtron International Corporation FM31T376-G Datasheet HTML 9Page - Ramtron International Corporation FM31T376-G Datasheet HTML 10Page - Ramtron International Corporation FM31T376-G Datasheet HTML 11Page - Ramtron International Corporation FM31T376-G Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
FM31T372/374/376/378-G
Rev. 1.1
Apr. 2011
Page 8 of 26
Note: Systems using lithium batteries should clear the
VBC bit to ‘0’ to prevent battery charging. The VBAK
circuitry includes an internal 1 K
series resistor as
a safety element.
32.768 kHz Clock Output
The 32.768 kHz clock (with precision equal to that of
the built-in crystal oscillator) can be output via the
FOUT
pin.
This
output
is
not
temperature
compensated. This clock can be disabled by clearing
the FOEN bit to „0‟.
Figure 8. Real-Time Clock Core Block Diagram
Offset/Aging Compensation
The user can expect the RTC to be accurate from the
factory. The RTC is calibrated at the factory at room
temperature. The CAL bits setting in Register 01h
will likely be a non-zero value. This is the initial
calibration value assigned at the factory prior to
shipment. The device may need re-calibrating after
solder reflow or after some period of time due to
crystal aging.
If the user needs to re-calibrate the RTC, the
following
describes
the
steps
to
change
the
calibration setting. Before making changes to the
CAL bits, the user can read these bits to verify the
current setting is an expected value. To enter
calibration mode, the CAL bit in a register 00h must
be set to „1‟. When the RTC is in calibration mode,
the CAL/PFO output pin is dedicated to the
calibration function and the power fail output is
temporarily unavailable. Calibration operates by
applying a digital correction to the counter based on
the frequency error. In this mode, the CAL/PFO pin
is driven with a 512 Hz (nominal) square wave. Any
measured deviation from 512 Hz translates into a
timekeeping error. The 512Hz calibration output
must be measured at +25°C. This output is not
temperature compensated. The user converts the
measured error in ppm and writes the appropriate
correction value to the calibration register. The
correction factors are listed in the following tables.
Positive ppm errors require a negative adjustment
that removes pulses. Negative ppm errors require a
positive correction that adds pulses. Positive ppm
adjustments have the CALS (sign) bit set to „1‟,
whereas negative ppm adjustments have CALS = 0.
The calibration setting is stored in F-RAM so is not
lost should the backup source fail. It is accessed with
bits CAL.5-0 in register 01h. This value only can be
written when the CAL bit is set to „1‟. To exit the
calibration mode, the user must clear the CAL bit to a
0. When the CAL bit is 0, the CAL/PFO pin will
revert to the power fail output function.
Note: Temperature compensation is disabled when
the CAL bit is set to ‘1’. The user should clear this bit
to allow temperature compensation to activate.
32.768 kHz
crystal
Oscillator
Clock
Divider
Update
Logic
512 Hz
W
R
Seconds
7 bits
Minutes
7 bits
Hours
6 bits
Date
6 bits
Months
5 bits
Years
8 bits
CF
Days
3 bits
User Interface Registers
1 Hz
/OSCEN
32.768kHz


Similar Part No. - FM31T376-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31T378 RAMTRON-FM31T378 Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
More results

Similar Description - FM31T376-G

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
   Temperature Compensated Crystal Oscillator (TCXO)
5925A NDK-5925A Datasheet
78Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
logo
STMicroelectronics
M41TC8025 STMICROELECTRONICS-M41TC8025 Datasheet
187Kb / 8P
   Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
logo
Kyocera Kinseki Corpota...
KT2520F26000ACW18TXX KSS-KT2520F26000ACW18TXX Datasheet
224Kb / 1P
   Temperature Compensated Crystal Oscillators (TCXO)
logo
NIHON DEMPA KOGYO
5921A NDK-5921A Datasheet
91Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
5936L NDK-5936L Datasheet
83Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
logo
Epson Company
X1G0054410316XX EPSON-X1G0054410316XX Datasheet
519Kb / 8P
   Temperature Compensated Crystal Oscillator (TCXO)
TG-5001LA EPSON-TG-5001LA Datasheet
241Kb / 2P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (VC-TCXO)
logo
Advanced XTAL Products
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
   UHF Temperature Compensated Crystal Oscillator (TCXO)
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com