Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD1-2D00-031 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # TD1-2D00-031
Description  Thermal Dispersion Flow/Level/Interface Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1-2D00-031 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button TD1-2D00-031 Datasheet HTML 5Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 6Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 7Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 8Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 9Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 10Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 11Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 12Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
A G E N C Y
A P P R O V A L S
9
AGENCY
MODEL APPROVED
APPROVAL CATEGORY
APPROVAL CLASSES
FM
TD1-2D00-0XX
Explosion Proof
Class
I, Div 1; Groups B, C, D TD1=T6 TD2=T5
TD2-XX0X-Xab
Class
II & III, Div 1; Groups E, F, G
Type 4X and IP66
TD1-2D00-0XX
Non-Incendive
Class
I, Div 2; Groups A, B, C, D
TD2-XX0X-XXX
Class
II & III, Div 2; Groups E, F, G T4
Type 4X and IP66
PROBE MODEL
Explosion Proof
Class
I, Div 1; Groups B, C, D T4
TXX-XXXX-XXX
Class
II & III, Div 1; Groups E, F, G
Type 4X and IP 66
CSA
TD1-2D00-0XX
Explosion Proof
Class
I, Div 1; Groups B, C, D T6
TD2-XX0X-Xab
Class
II & III, Div 1; Groups E, F, G
Type 4X and IP66
TD1-2D00-0XX
Suitable for
Class
I, Div 2; Groups A, B, C, D
TD2-XX0X-XXX
Class
II & III, Div 2; Groups E, F, G T4
Type 4X and IP66
TD1-2D00-0X0
Explosion Proof
Class
I, Zone 1, Ex d IIC T6
TD2-XX0X-Xab
PROBE MODEL
Explosion Proof
Class
I, Div 1; Groups B, C, D T4
TXX-XXX0-XXX
Class
II & III, Div 1; Groups E, F, G
Type 4X and IP66
ATEX
Zone 0 Service
TXX-XDXX-XCX
EEx d Explosion Proof
II 1/2G EEx d+ib d{ib} IIC T5/T4 IP66
w/IS probe
TXX-XHXX-XCX
EEx d Explosion Proof
II 1/2G EEx d IIC T5/T4 IP66
(requires 1 mm probe provided when fourth digit of probe model number is B, C, or D)
Zone 1 Service
TXX-XXXX-XGX
EEx d Explosion Proof
II 2G EEx d IIC T5/T4 IP66
INMETRO
TD1-2D00-0XX
Ex d Explosion Proof
BR-Ex d[ib] IIC T5/T4 IP66 - Electronics
TD2-XD0X-XCX
w/IS probe circuit
BR-Ex d+ib IIC T5/T4 IP66 - Probe
TXX-XHXX-XCX
EEx d Explosion Proof
BR-Ex d IIC T5/T4 IP66
(requires 1 mm probe provided when fourth digit of probe model number is B, C, or D)
Zone 1 Service
TXX-XXXX-XGX
EEx d Explosion Proof
BR-Ex d IIC T5/T4 IP66
ROSTECH/FSTS
TDX-XXXX-XCX
Russian Authorisation Standards
TDX-XXXX-XGX
Consult MAGNETROL for details.
CCOE
TDX-XXXX-XCX
Hazardous Approvals - India
TDX-XXXX-XGX
Consult MAGNETROL for details.
These units have been tested to
EN 61326 and are in compliance
with the EMC Directive 89/336/EEC.
a = 3, C, G
b = 0, 1, 2, 3
a = 3, C, G
b = 0, 1, 2, 3
a = 3, C, G
b = 0, 1, 2, 3
The probes and low flow
body comply with Canadian
Electric Code requirements
of ANSI/ISA 12.27.01-2003
as a single seal device.


Similar Part No. - TD1-2D00-031

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
More results

Similar Description - TD1-2D00-031

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Emcore Corporation
359C EMCORE-359C Datasheet
499Kb / 2P
   Dispersion Compensation Module
359B EMCORE-359B Datasheet
413Kb / 2P
   Zero Dispersion Modules
logo
Systemsensor advanced i...
ZONECHECK SYSTEMSENSOR-ZONECHECK Datasheet
122Kb / 4P
   Flow Switch Tester
logo
Magnetrol International...
960-58A0-030 MAGNETROL-960-58A0-030 Datasheet
414Kb / 16P
   Actuator- Sensor-Interface (AS-Interface짰) Ultrasonic Level Switch
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
   LIQUID FLOW SWITCH
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com