Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1623 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SD1623
Description  High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1623 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SD1623 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1623 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1623 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1623 Datasheet HTML 4Page - Sanyo Semicon Device 2SD1623 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SB1123 / 2SD1623
No.1727-1/5
Applications
Voltage regulators, relay drivers, lamp drivers, electrical equipment.
Features
Adoption of FBET, MBIT processes.
Low collector-to-emitter saturation voltage.
Large current capacity and wide ASO.
Fast switching speed.
The ultraminiature package facilitates higher-density mounting, thus allows the applied hybrid IC’s further
miniaturization.
Specifications ( ) : 2SB1123
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)60
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)2
A
Collector Current (Pulse)
ICP
(--)4
A
Collector Dissipation
PC
0.5
W
Mounted on a ceramic board (250mm2
✕0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Marking 2SB1123 : BF
2SD1623 : DF
www.semiconductor-sanyo.com/network
Ordering number : EN1727E
31010EA TK IM / N1501 TS IM / 92098 HA (KT) / 4107 KI / N275 KI / 3045 MW, TS
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
2SB1123 / 2SD1623
PNP / NPN Epitaxial Planar Silicon Transistors
High-Current Switching Applications


Similar Part No. - 2SD1623

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1623 SANYO-2SD1623 Datasheet
114Kb / 4P
   High-Current Switching Applications
logo
Guangdong Kexin Industr...
2SD1623 KEXIN-2SD1623 Datasheet
56Kb / 2P
   NPN Epitaxial Planar Silicon Transistor
logo
Sanyo Semicon Device
2SD1623 SANYO-2SD1623 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
ON Semiconductor
2SD1623 ONSEMI-2SD1623 Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
logo
Guangdong Kexin Industr...
2SD1623-R KEXIN-2SD1623-R Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SD1623

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com