Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPA422 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DPA422
Description  Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA422 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DPA422 Datasheet HTML 1Page - Power Integrations, Inc. DPA422 Datasheet HTML 2Page - Power Integrations, Inc. DPA422 Datasheet HTML 3Page - Power Integrations, Inc. DPA422 Datasheet HTML 4Page - Power Integrations, Inc. DPA422 Datasheet HTML 5Page - Power Integrations, Inc. DPA422 Datasheet HTML 6Page - Power Integrations, Inc. DPA422 Datasheet HTML 7Page - Power Integrations, Inc. DPA422 Datasheet HTML 8Page - Power Integrations, Inc. DPA422 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
DPA422-426
DPA-Switch Family
www.powerint.com
December 2007
Highly Integrated DC-DC Converter ICs for
Power over Ethernet & Telecom Applications
®
Output Power Table
36-75 VDC Input Range (Forward)2
Total Device
Dissipation3
Product4
0.5 W
1 W
2.5 W
4 W
6 W
Max
Power
Output1
DPA4227
7.5 W
10 W
-
-
-
10 W
DPA423
12 W
16 W
-
-
-
18 W
DPA424
16 W
23 W
35 W
-
-
35 W
DPA425
23 W
32 W
50 W
62 W
-
70 W
DPA4265
25 W
35 W
55 W
70 W
83 W
100 W
36-75 VDC Input Range (Flyback)2
Total Device
Dissipation3
Product4
0.5 W
0.75 W
1 W
1.5 W
Max
Power
Output1
DPA422
6.5 W
9.0 W
-
-
9.0 W
DPA423
9 W
13 W
-
-
13 W
DPA424
10 W
14.5 W
18 W
24 W
26 W
DPA425
-6
-6
-6
25.5 W
52 W
Table 1.
Output Power Table.
Notes:
1. Maximum output power is limited by device internal current limit.
2. See Applications Considerations section for complete description of assumptions
and for output powers with other input voltage ranges.
3. For device dissipation of 1.5 W or below, use P or G packages. Device
dissipation
above 1.5 W is possible with R package.
4. Packages: P: DIP-8, G: SMD-8, R: TO-263-7C. For lead-free package options,
see Part Ordering Information.
5. Available in R package only.
6. Due to higher switching losses, the DPA425 may not deliver additional power
compared to a smaller device.
7. Available in P and G package only.
Product Highlights
Highly Integrated Solution
Eliminates up to 50 external components–saves space, cost
Integrates 220 V high frequency MOSFET, PWM control
Lower cost plastic DIP surface mount (G package) and
through-hole (P package) options for designs ≤35 W
Thermally efficient TO-263-7C (R package) option for high
power applications
Superior Performance and Flexibility
Eliminates all external current sensing circuitry
Built-in auto-restart for output overload/open loop protection
Pin selectable 300/400 kHz fixed frequency
Wide input (line) voltage range: 16-75 VDC
Externally programmable current limit
Source connected tab reduces EMI
Line under-voltage (UV) detection: meets ETSI standards
Line overvoltage (OV) shutdown protection
UV/OV limits gate drive voltage for synchronous rectification
Fully integrated soft-start for minimum stress/overshoot
Supports forward or flyback topology
Cycle skipping: regulation to zero load without pre-load
Hysteretic thermal shutdown for automatic fault recovery
RoHS compliant P and G package options
EcoSmart
®
– Energy Efficient
Extremely low consumption at no load
Cycle skipping at light load for high standby efficiency
Applications
PoE applications, VoIP phones, WLAN, security cameras
Telco central office equipment: xDSL, ISDN, PABX
Distributed power architectures (24 V/48 V bus)
Industrial controls
Description
The DPA-Switch IC family is a highly integrated solution for
DC-DC conversion applications with 16-75 VDC input.
DPA-Switch uses the same proven topology as TOPSwitch®,
cost effectively integrating a power MOSFET, PWM control, fault
protection and other control circuitry onto a single CMOS chip.
High performance features are enabled with three user
configurable pins. Hysteretic thermal shutdown is also provided.
In addition, all critical parameters (i.e. current limit, frequency,
PWM gain) have tight temperature and absolute tolerance, to
simplify design and reduce system cost.
Figure 1.
Typical Forward Converter Application.
PI-2770-032002
D
S
C
DPA-Switch
VIN
VO
F
X
L
CONTROL
SENSE
CIRCUIT
RESET/
CLAMP
CIRCUIT


Similar Part No. - DPA422

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA422 POWERINT-DPA422 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA422 POWERINT-DPA422 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA422 POWERINT-DPA422 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA422 POWERINT-DPA422 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA422GN POWERINT-DPA422GN Datasheet
1Mb / 20P
   DPA-Switch DC-DC Forward Converter Design Guide
More results

Similar Description - DPA422

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424GN-TL POWERINT-DPA424GN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA423 POWERINT-DPA423_V01 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
DPA424SN POWERINT-DPA424SN Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424G POWERINT-DPA424G Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA425R POWERINT-DPA425R Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
290Kb / 36P
   Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
logo
Phihong USA Inc.
POE14-137 PHIHONG-POE14-137 Datasheet
134Kb / 2P
   DC-DC Power over Ethernet Splitter
POE21-120H PHIHONG-POE21-120H Datasheet
105Kb / 2P
   DC-DC Power over Ethernet Splitter
POE21-120F PHIHONG-POE21-120F Datasheet
119Kb / 2P
   DC-DC Power over Ethernet Splitter
POE14-033 PHIHONG-POE14-033 Datasheet
523Kb / 3P
   14W DC-DC Power Over Ethernet Splitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com