Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPA424 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # DPA424
Description  Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA424 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button DPA424 Datasheet HTML 3Page - Power Integrations, Inc. DPA424 Datasheet HTML 4Page - Power Integrations, Inc. DPA424 Datasheet HTML 5Page - Power Integrations, Inc. DPA424 Datasheet HTML 6Page - Power Integrations, Inc. DPA424 Datasheet HTML 7Page - Power Integrations, Inc. DPA424 Datasheet HTML 8Page - Power Integrations, Inc. DPA424 Datasheet HTML 9Page - Power Integrations, Inc. DPA424 Datasheet HTML 10Page - Power Integrations, Inc. DPA424 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Rev. S 12/07
7
DPA422-426
www.powerint.com
Figure 6.
Synchronization Timing Diagram.
(see Figures 4, 7). Limiting DC
MAX at higher line voltages helps
prevent transformer saturation due to large load transients in
forward converter applications. DC
MAX of 33% at the OV
threshold was chosen to ensure that the power capability of the
DPA-Switch is not restricted by this feature under normal
operation.
Remote ON/OFF
Remote ON/OFF control describes operation where the IC is
turned on or off for long periods as opposed to the cycle-by-
cycle on/off control, which is described in the Synchronization
section below.
DPA-Switch can be turned on or off by controlling the current
into the LINE-SENSE pin or out from the EXTERNAL CURRENT
LIMIT pin (see Figure 7). This allows easy implementation of
remote ON/OFF control of DPA-Switch in several different ways.
A transistor or an optocoupler output connected between the
EXTERNAL CURRENT LIMIT pin and the SOURCE pin
implements this function with “active-on” (Figures 17, 19 and 21)
while a transistor or an optocoupler output connected between
the LINE-SENSE pin and the CONTROL pin implements the
function with “active-off” (Figures 18, 20 and 22).
When a signal is received at the LINE-SENSE pin or the
EXTERNAL CURRENT LIMIT pin to disable the output through
any of the pin functions such as OV, UV and remote ON/OFF,
DPA-Switch always completes its current switching cycle before
the output is forced off. The internal oscillator is stopped at the
end of the current cycle and stays there as long as the disable
signal exists. When the signal at the above pins changes state
from disable to enable, the internal oscillator starts the next
switching cycle.
The remote ON/OFF feature can be used as a standby or power
switch to turn off the DPA-Switch and keep it in a very low
power consumption state for indefinitely long periods. If the
DPA-Switch is held in remote-off state for longer than 10
μs
(typical), the CONTROL pin goes into the hysteretic mode of
operation. In this mode, the CONTROL pin goes through
alternate charge and discharge cycles between 4.8 V and 5.8 V
(see CONTROL Pin Operation section above) and the IC runs
entirely off the high voltage DC input, but with very low power
consumption (30 mW typical at 48 V with LINE-SENSE and
EXTERNAL CURRENT LIMIT pins open). When the DPA-Switch
is remotely turned on after entering this mode, it will initiate a
normal start-up sequence with soft-start the next time the
CONTROL pin reaches 5.8 V. In the worst case, the delay from
remote on to start-up can be equal to the full discharge/charge
cycle time of the CONTROL pin, which is approximately 36 ms
for a 22
μF CONTROL pin capacitor. This reduced-
consumption remote-off mode can eliminate expensive and
unreliable in-line mechanical switches. It also allows for
microprocessor-controlled turn-on and turn-off sequences that
may be required in certain applications.
Synchronization
In addition to sensing incoming current for OV, UV and remote
ON/OFF, the LINE-SENSE pin also monitors its pin voltage
through a 1 V threshold comparator. A pin voltage below 1 V
turns on DPA-Switch. When the voltage at LINE-SENSE pin
rises beyond 1 V to disable the output, DPA-Switch completes
its current switching cycle before the output is forced off (similar
to remote ON/OFF operation). The internal oscillator is stopped
at the end of the current cycle awaiting the LINE-SENSE pin
voltage to go low to start the next cycle. This allows the use of
the 1 V threshold to synchronize DPA-Switch to an external
signal with a frequency lower than its internal switching
frequency. A transistor or an optocoupler output connected
between the LINE-SENSE pin and the SOURCE pin implements
this function (see Figure 24). Please refer to Figure 6 for the
timing waveforms of synchronization operation.
PI-2762-070501
Oscillator
(SAW)
D
MAX
2 V
0 V
V
L
t
ON
f
SYNC ≥ 128 kHz;
t
OFF ≤ 7.7 μs;
120 ns
≤ t
ON ≤ 2250 ns for fOSC = 400 kHz
≤ 3080 ns for f
OSC = 300 kHz
t
OFF
ON
OFF
SYNC
Time


Similar Part No. - DPA424

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424 POWERINT-DPA424 Datasheet
290Kb / 36P
   Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
DPA424 POWERINT-DPA424 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
More results

Similar Description - DPA424

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424GN-TL POWERINT-DPA424GN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA423 POWERINT-DPA423_V01 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
DPA424SN POWERINT-DPA424SN Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424G POWERINT-DPA424G Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA425R POWERINT-DPA425R Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
290Kb / 36P
   Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
logo
Phihong USA Inc.
POE14-137 PHIHONG-POE14-137 Datasheet
134Kb / 2P
   DC-DC Power over Ethernet Splitter
POE21-120H PHIHONG-POE21-120H Datasheet
105Kb / 2P
   DC-DC Power over Ethernet Splitter
POE21-120F PHIHONG-POE21-120F Datasheet
119Kb / 2P
   DC-DC Power over Ethernet Splitter
POE14-033 PHIHONG-POE14-033 Datasheet
523Kb / 3P
   14W DC-DC Power Over Ethernet Splitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com