Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPA425 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # DPA425
Description  Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA425 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button DPA425 Datasheet HTML 4Page - Power Integrations, Inc. DPA425 Datasheet HTML 5Page - Power Integrations, Inc. DPA425 Datasheet HTML 6Page - Power Integrations, Inc. DPA425 Datasheet HTML 7Page - Power Integrations, Inc. DPA425 Datasheet HTML 8Page - Power Integrations, Inc. DPA425 Datasheet HTML 9Page - Power Integrations, Inc. DPA425 Datasheet HTML 10Page - Power Integrations, Inc. DPA425 Datasheet HTML 11Page - Power Integrations, Inc. DPA425 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Rev. S 12/07
8
DPA422-426
www.powerint.com
Table 2.
Typical LINE-SENSE and EXTERNAL CURRENT LIMIT Pin Configurations.
In order to be recognized as a synchronization pulse, the
LINE-SENSE pin needs to stay low (on-time) for at least
120 ns but no more than 2250 ns for 400 kHz (or 3080 ns for
300 kHz) internal switching frequency. In addition, the off-time
must be kept below 7.7
μs, which is a limitation set by the
lowest synchronization frequency of 128 kHz allowed by the
chip. The effective DC
MAX for synchronization operation can be
calculated as 0.75 × f
SYNC/fOSC. An off-time longer than
7.7
μs may force the CONTROL pin to go into the hysteretic
mode and initiate a soft-start cycle at next turn-on.
Soft-Start
Two on-chip soft-start functions are activated at start-up with a
duration of 5 ms (typical). Maximum duty cycle starts from 0%
and linearly increases to the default maximum of 75% at the
end of the 5 ms duration and the current limit starts from about
85% and linearly increases to 100% at the end of the
5 ms duration. In addition to start-up, soft-start is also activated
at each restart attempt during auto-restart and when restarting
after being in hysteretic regulation of CONTROL pin voltage (V
C),
due to remote off or thermal shutdown conditions. This
effectively minimizes current and voltage stresses on the output
MOSFET, the clamp circuit and the output rectifier during start-
up. This feature also helps minimize output overshoot and
prevents saturation of the transformer during start-up.
Shutdown/Auto-Restart
To minimize DPA-Switch power dissipation under fault
conditions, the shutdown/auto-restart circuit turns the power
supply on and off at an auto-restart duty cycle of typically 4% if
an out of regulation condition persists. Loss of regulation
interrupts the external current into the CONTROL pin. V
C
regulation changes from shunt mode to the hysteretic auto-
restart mode as described in CONTROL pin operation section.
When the fault condition is removed, the power supply output
becomes regulated, V
C regulation returns to shunt mode, and
normal operation of the power supply resumes.
Hysteretic Over-Temperature Protection
Over temperature protection is provided by a precision analog
circuit that turns the output MOSFET off when the junction
temperature exceeds the thermal shutdown temperature
(137
°C typical). When the junction temperature cools to below
the hysteretic temperature (110
°C typical), normal operation
resumes providing automatic recovery. V
C is regulated in
hysteretic mode and a 4.8 V to 5.8 V (typical) sawtooth
waveform is present on the CONTROL pin while in thermal
shutdown.
Bandgap Reference
All critical DPA-Switch internal voltages are derived from a
temperature-compensated bandgap reference. This reference
is also used to generate a temperature-compensated current
reference that is trimmed to accurately set the switching
frequency, current limit, and the line OV/UV thresholds.
DPA-Switch has improved circuitry to maintain all of the above
critical parameters within very tight absolute and temperature
tolerances.
High-Voltage Bias Current Source
This current source biases DPA-Switch from the DRAIN pin and
charges the CONTROL pin external capacitance during start-up
or hysteretic operation. Hysteretic operation occurs during
auto-restart, remote off and over-temperature shutdown. In this
mode of operation, the current source is switched on and off
with an effective duty cycle of approximately 20%. This duty
cycle is determined by the ratio of CONTROL pin charge (I
C(CH))
and discharge currents (I
CD1 and ICD2). This current source is
turned off during normal operation when the output MOSFET is
switching. The effect of the current source switching may be
seen on the DRAIN voltage waveform as small disturbances,
which is normal.
Using Feature Pins
FREQUENCY (F) Pin Operation
The FREQUENCY pin is a digital input pin. Shorting the
FREQUENCY pin to SOURCE pin selects the nominal switching
frequency of 400 kHz (Figure 9) which is suited for most
applications. For other applications that may benefit from lower
switching frequency, a 300 kHz switching frequency can be
selected by shorting the FREQUENCY pin to the CONTROL pin
(Figure 10). This pin should not be left open.
Line-Sense and External Current Limit Pin Table*
Figure Number ➧
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Three Terminal Operation
Undervoltage
✓✓
✓✓✓
Overvoltage
✓✓✓
Line Feed-Forward (DC
MAX)
✓✓✓
Overload Power Limiting
External Current Limit
✓✓
✓✓✓
Remote ON/OFF
✓✓✓✓✓✓
Synchronization
*This table is only a partial list of many LINE-SENSE and EXTERNAL CURRENT LIMIT Pin Configurations that are possible.


Similar Part No. - DPA425

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA425 POWERINT-DPA425 Datasheet
290Kb / 36P
   Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
DPA425 POWERINT-DPA425 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA425 POWERINT-DPA425 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA425 POWERINT-DPA425 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA425 POWERINT-DPA425 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
More results

Similar Description - DPA425

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424GN-TL POWERINT-DPA424GN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA423 POWERINT-DPA423_V01 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
DPA424SN POWERINT-DPA424SN Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424G POWERINT-DPA424G Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA425R POWERINT-DPA425R Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
290Kb / 36P
   Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
logo
Phihong USA Inc.
POE14-137 PHIHONG-POE14-137 Datasheet
134Kb / 2P
   DC-DC Power over Ethernet Splitter
POE21-120H PHIHONG-POE21-120H Datasheet
105Kb / 2P
   DC-DC Power over Ethernet Splitter
POE21-120F PHIHONG-POE21-120F Datasheet
119Kb / 2P
   DC-DC Power over Ethernet Splitter
POE14-033 PHIHONG-POE14-033 Datasheet
523Kb / 3P
   14W DC-DC Power Over Ethernet Splitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com