Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCS701HG Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LCS701HG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS701HG Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LCS701HG Datasheet HTML 7Page - Power Integrations, Inc. LCS701HG Datasheet HTML 8Page - Power Integrations, Inc. LCS701HG Datasheet HTML 9Page - Power Integrations, Inc. LCS701HG Datasheet HTML 10Page - Power Integrations, Inc. LCS701HG Datasheet HTML 11Page - Power Integrations, Inc. LCS701HG Datasheet HTML 12Page - Power Integrations, Inc. LCS701HG Datasheet HTML 13Page - Power Integrations, Inc. LCS701HG Datasheet HTML 14Page - Power Integrations, Inc. LCS701HG Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Rev. B 062011
11
LCS700-708
www.powerint.com
Key Design Details
The LLC converter is a variable frequency resonant converter.
As input voltage decreases, the frequency must decrease in
order to maintain output regulation. To a lesser extent, as load
reduces the frequency must increase. When the converter is
operating at the series resonant frequency, the frequency changes
very little with load. The minimum operating frequency required
occurs at brownout (minimum input voltage), at full load.
Operating Frequency Selection
For lowest cost, and smallest transformer size with the least
amount of copper, the recommended nominal operating frequency
is ~250 kHz. This allows the use of low-cost ceramic output
capacitors in place of electrolytic capacitors, especially at
higher output voltages (≥12 V). If the core and bobbin used
exhibits too much leakage inductance for 250 kHz, operation at
180 kHz also results in excellent performance. For optimal
efficiency at 250 kHz, AWG #44 (0.05 mm) Litz is recommended
for the primary, and AWG #42 (0.07 mm) for the secondary
winding. Thicker gauge lower cost Litz can be used at the
expense of increased copper loss and lower efficiency. Litz
gauge (AWG #38 or 0.1 mm) is optimal for very low frequencies
(60-70 kHz), requires much larger transformers and greater
lengths of Litz wire.
For nominal operating frequencies even as low as 130 kHz, the
use of PC44 or equivalent core material is recommended for
reduced losses. For a given transformer design, shifting the
frequency up (by substituting a smaller resonant capacitor), will
reduce core loss (due to reduced AC flux density B
AC) and
increase copper loss. Core loss is a stronger function of flux
density than of frequency. The increased frequency increases
copper loss due to eddy current losses.
Nominal operating frequencies >300 kHz start to lose significant
efficiency due to increased eddy current losses in the copper,
and due to the fact that a more significant percentage of time is
spent on the primary slew time (ZVS transition time) which
erodes the percentage of time that power is transferred to the
secondary.
Resonant Tank and Transformer Design
Please refer to the Application Note AN-55 for guidance on
using the PIXls HiperLCS spreadsheet which assists in the
entire design process.
Primary Inductance
The optimal powertrain design for the HiperLCS uses a primary
inductance that results in minimal loss of ZVS at any steady-
state condition. Some loss of ZVS during non-steady-state
conditions is acceptable. Reducing primary inductance
produces higher magnetizing current which increases the range
of ZVS operation, but the increased magnetizing current
increases losses and reduces efficiency.
The calculation of the primary inductance to be used for a
first-pass design is based on device size, rated load, minimum
input voltage, and desired operating frequency. It is provided in
the PIXls spreadsheet. L
PRI is the primary inductance of an
integrated transformer (high leakage inductance), or in the case
of the use of an external series inductance, the sum of this
inductance and the transformer primary inductance.
Leakage Inductance
The parameter K
RATIO is a function of leakage inductance:
K
L
L
1
RATIO
RES
PRI
=-
The recommended K
RATIO is from 2.5 - 7. This determines the
acceptable range of leakage inductance.
L
RES is the leakage inductance in an integrated transformer; if a
separate series inductor is used, it is the sum of this inductance
and the leakage inductance of the transformer.
A low K
RATIO (high leakage inductance) may not be capable of
regulation at the minimum input voltage, and may show
increased transformer copper losses due to the leakage flux. A
high K
RATIO (low leakage inductance) will have high peak and
RMS currents at low-line, and require a lower primary inductance
to achieve ZVS operation over a suitably wide range, which
increases the resonant circulating current, reducing efficiency.
The core and bobbin designs available to the designer may limit
the adjustability of leakage inductance. Fortunately, excellent
performance can be achieved over a relatively wide range of
leakage inductance values.
The K
RATIO directly affects the frequency range that the LLC needs
to operate in order to maintain regulation over the input voltage
range. Increasing K
RATIO increases this frequency range,
lowering f
MIN.
A low f
MIN is only a potential problem for low frequency designs
which typically run at higher nominal B
AC. This may allow the
core to reach saturation when operating at f
MIN. Operating at
f
MIN occurs when the input voltage is at a minimal (input
brown-out).
For a design with a separate resonant inductor, running the
inductance on the low side of the range (K
RATIO = 7), minimizes
the size and cost of the inductor.
Adjusting Leakage Inductance
Sectioned bobbins (separated primary and secondary) are
commonly used for LLC converters. Increasing or decreasing
both primary and secondary turns (while maintaining turns ratio)
will change the leakage inductance proportionally to the square
of primary turns.
If the leakage inductance is too high, one possible solution is to
use a 3-section bobbin, where the secondary is in the middle
section, and the primary winding is split into 2 halves connected
in series.
Lastly, if the leakage inductance is too low an external inductor
may be added.


Similar Part No. - LCS701HG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LCS701HG POWERINT-LCS701HG Datasheet
2Mb / 30P
   Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
More results

Similar Description - LCS701HG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LCS700HG POWERINT-LCS700HG_V01 Datasheet
2Mb / 30P
   Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
logo
ON Semiconductor
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1399 ONSEMI-NCP1399_16 Datasheet
677Kb / 44P
   High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
February, 2016 ??Rev. 4
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
   High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com