Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG1972-6100-010 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BG1972-6100-010
Description  High Voltage Generator 60KV/100uA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BG1972-6100-010 Datasheet(HTML) 1 Page - Vishay Siliconix

  BG1972-6100-010 Datasheet HTML 1Page - Vishay Siliconix BG1972-6100-010 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
1
BG 1972-6100-010
Vishay ESTA
Document Number: 13112
Revision 03-Feb-03
High Voltage Generator 60KV/100
µA
GENERAL SPECIFICATIONS
Part-No.
BG 1972-6100-010
Control unit
1972-6123-020
Type of construction
tubular
Supply voltage
1 to 24V
Input current
0.4A
Output voltage
- 60kV
Output current
- 100
µA
Output power
6W maximum
Dimensions
Ø 27mm x 110mm
Weight
160g
CHARACTERISTIC
0
10
20
30
40
50
60
70
0
10
203040
50
6070
80
90
100
110
120
Output Current
µA
FEATURES
• Powder or flock coating applications
• Compact dimensions
• Low weight
• High reliability


Similar Part No. - BG1972-6100-010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BG1972-6123-010 VISHAY-BG1972-6123-010 Datasheet
154Kb / 2P
   High Voltage Generator 100KV/100uA
Revision 03-Feb-03
More results

Similar Description - BG1972-6100-010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BG1972-6123-010 VISHAY-BG1972-6123-010 Datasheet
154Kb / 2P
   High Voltage Generator 100KV/100uA
Revision 03-Feb-03
logo
GETAI ELECTRONICS DEVIC...
2CL60KV01A GETEDZ-2CL60KV01A Datasheet
452Kb / 1P
   0.1A 60kV--High voltage silicon rectifier stack
2CL60KV-02A GETEDZ-2CL60KV-02A Datasheet
452Kb / 1P
   0.2A 60kV--High voltage silicon rectifier stack
2CLG60KV0.1A GETEDZ-2CLG60KV0.1A Datasheet
466Kb / 1P
   0.1A 60kV 80nS--High voltage silicon rectifier stack
2CLG60KV0.2A GETEDZ-2CLG60KV0.2A Datasheet
466Kb / 1P
   0.2A 60kV 80nS--High voltage silicon rectifier stack
logo
Supertex, Inc
HV440 SUTEX-HV440_07 Datasheet
621Kb / 5P
   High-Voltage Ring Generator
HV441 SUTEX-HV441 Datasheet
140Kb / 7P
   High-Voltage Ring Generator
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Supertex, Inc
HV430 SUTEX-HV430 Datasheet
119Kb / 8P
   High Voltage Ring Generator
HV450 SUTEX-HV450 Datasheet
84Kb / 4P
   High-Voltage Ring Generator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com