Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1781M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LA1781M
Description  For Car Radios Single-Chip Tuner IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1781M Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LA1781M Datasheet HTML 6Page - Sanyo Semicon Device LA1781M Datasheet HTML 7Page - Sanyo Semicon Device LA1781M Datasheet HTML 8Page - Sanyo Semicon Device LA1781M Datasheet HTML 9Page - Sanyo Semicon Device LA1781M Datasheet HTML 10Page - Sanyo Semicon Device LA1781M Datasheet HTML 11Page - Sanyo Semicon Device LA1781M Datasheet HTML 12Page - Sanyo Semicon Device LA1781M Datasheet HTML 13Page - Sanyo Semicon Device LA1781M Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
LA1781M
No.6038-10/48
Continued from preceding page.
Pin No.
Pin function
Pin description
Equivalent circuit
24
32
AM/FM signal meter
Dedicated FM signal meter
Fixed-current drive signal meter
output.
In AM mode, pin 32 outputs a
1mA current. Thus the HCC
circuit is turned off.
32
24
10k
Ω
10k
Ω
VCC
FM
S-meter
AM
S-meter
AM/FM
SW
AM/FM
SW
MRC
Outputs a 1-mA
current during AM
reception
26
Stereo indicator for the SD pin
The voltage V23 switches between
three modes as follows.
FM reception :
5V :
The SD pin operates linked
to the IF counter buffer.
2.5V : Forced SD mode: operates
as the SD pin.
0.7V : Reception mode: stereo
indicator
AM reception : (two modes : 0 and 5V)
5V :
Operates as the seek SD pin.
0V :
Reception mode. Not used.
26
100k
Ω
VDD
AM/FM
SD
Stereo
indicator
Seek/stop
switching
27
MRC control voltage time
constant
The MRC detector time constant is
determined by a 100
Ω resistor and C2
when discharging and by the 2
μA
current and C2 when charging.
27
2
μA
100
Ω
C2
VCC
VCC
Pin 28
28
SNC control input
The sub-output is controlled by a 0 to
1V input.
28
VREF
Continued on next page.


Similar Part No. - LA1781M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
More results

Similar Description - LA1781M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
   SINGLE-CHIP TUNER IC FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M_09 Datasheet
544Kb / 41P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M_09 Datasheet
600Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com