Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4425A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4425A
Description  For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4425A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4425A Datasheet HTML 1Page - Sanyo Semicon Device LA4425A Datasheet HTML 2Page - Sanyo Semicon Device LA4425A Datasheet HTML 3Page - Sanyo Semicon Device LA4425A Datasheet HTML 4Page - Sanyo Semicon Device LA4425A Datasheet HTML 5Page - Sanyo Semicon Device LA4425A Datasheet HTML 6Page - Sanyo Semicon Device LA4425A Datasheet HTML 7Page - Sanyo Semicon Device LA4425A Datasheet HTML 8Page - Sanyo Semicon Device LA4425A Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LA4425A
No.A0195-2/9
1
5
9.5
(2.0)
0.6
2.7
1.2
0.5
1.1
1.5
2.0
(0.75)
3.2
SANYO : SIP5H
Operating Conditions at Ta = 25
°C,
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
13.2
V
Recommended load resistance
RL
4
Operating voltage range
VCC op
5 to 16
V
Operating load resistance range
RL op
Under conditions where maximum ratings are
not exceeded
2 to 8
Electrical Characteristics at Ta
= 25°C, VCC = 13.2V, RL = 4Ω, f = 1 kHz, Rg = 600Ω,
specified board/specified circuit, 30
×30×1.5mm3 thick aluminum used
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
65
130
mA
Voltage gain
VG
VO = 0dBm
43
45
47
dB
PO1
13.2 V / 4
Ω, THD = 10%
4
5
W
Output power
PO2
14.4 V / 4
Ω, THD = 10%
5
6
W
Total harmonic distortion
THD
VO = 2V
0.1
1.0
%
Output noise voltage
VNO
Rg = 0, BPF = 20 Hz to 20 kHz
30
40
dB
SVRR1
Rg = 0, BPF = 20 Hz to 20 kHz
VR = 0dBm, fR = 100Hz
30
40
dB
Ripple rejection ratio
SVRR2
Rg = 0, BPF = 20 Hz to 20 kHz
VR = 0dBm, fR = 100 Hz
47
dB
Over-voltage attack
VCCX
Rg = 0
21.5
V
Starting time
tS
0.35
s
Input resistance
RIN
50
k
fL
40
Hz
Roll-off frequency
fH
90
kHz
Thermal operating temperature
Tc
125
°C
Package Dimensions
unit : mm (typ)
3031C
-30 -20
0
20
40
60
80
100
0
2
4
6
8
10
1.2
2.9
4.3
5.7
7.5
Pd max -- Ta
Ambient temperature, Ta --
°C
No heat sink
30
×30×1.5mm3
50
×50×1.5mm3
100
×100×1.5mm3
Infinite heat sink
Al heat sink
mounting toque 39N.cm
with sillicone grease applied.
12°
C/W


Similar Part No. - LA4425A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
logo
ON Semiconductor
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
More results

Similar Description - LA4425A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A_10 Datasheet
138Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425F-E ONSEMI-LA4425F-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Sanyo Semicon Device
LA4425PV SANYO-LA4425PV Datasheet
369Kb / 8P
   Monolithic Linear IC For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
   5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
   12W AF Power Amplifier For Car Radio or Car Stereo
logo
NTE Electronics
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
logo
Sanyo Semicon Device
LA4485 SANYO-LA4485 Datasheet
497Kb / 20P
   5 W, Two-channel Power Amplifier with Very Few External Parts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com