Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6358AM Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA6358AM
Description  High-Performance Dual Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6358AM Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA6358AM Datasheet HTML 1Page - Sanyo Semicon Device LA6358AM Datasheet HTML 2Page - Sanyo Semicon Device LA6358AM Datasheet HTML 3Page - Sanyo Semicon Device LA6358AM Datasheet HTML 4Page - Sanyo Semicon Device LA6358AM Datasheet HTML 5Page - Sanyo Semicon Device LA6358AM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LA6358AM
No.7558-6/6
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate the
performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted
in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer's
products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate and
reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual
property rights or other rights of third parties.
This catalog provides information as of August, 2004. Specifications and information herein are subject
to change without notice.
Frequency, f -- Hz
VO -- f
ILA01082
24
20
0
23
5
1k
10k
23
5
2
3
5
100k
1M
11
0M
Frequency, f -- Hz
VG -- f
ILA01083
120
140
0
16
12
8
4
10
100
1K
10K
100K
1M
100
80
60
40
20
VCC
=3
0V
10t
o15V
VO
VIN
VCC
2
VCC
0.1µF
10M
VO
VIN
7V
15V
1k
100 k


Similar Part No. - LA6358AM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6358 SANYO-LA6358 Datasheet
108Kb / 4P
   High-Performance Dual Operational Amplifiers
LA6358 SANYO-LA6358 Datasheet
105Kb / 4P
   High-Performance Dual Operational Amplifier
LA6358N SANYO-LA6358N Datasheet
108Kb / 4P
   High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N Datasheet
92Kb / 7P
   High-Performance Dual Operational Amplifiers
More results

Similar Description - LA6358AM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6358NJ SANYO-LA6358NJ Datasheet
283Kb / 6P
   High-Performance Dual Operational Amplifier
logo
Texas Instruments
RC4559 TI-RC4559 Datasheet
29Kb / 3P
[Old version datasheet]   DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4558 RENESAS-PC4558_15 Datasheet
316Kb / 13P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
   High-Performance Dual Operational Amplifier
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
   High performance dual operational amplifier
logo
Sanyo Semicon Device
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
   High-Performance Dual Operational Amplifier
logo
Texas Instruments
RC4559 TI1-RC4559_15 Datasheet
365Kb / 10P
[Old version datasheet]   DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6358NJM SANYO-LA6358NJM Datasheet
324Kb / 6P
   High-Performance Dual Operational Amplifier
logo
Renesas Technology Corp
UPC4558MF-DAA RENESAS-UPC4558MF-DAA Datasheet
321Kb / 11P
   High Performance Dual Operational Amplifier
Jul 25, 2012
logo
NEC
UPC4558 NEC-UPC4558 Datasheet
309Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com