Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY448 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BY448
Description  Standard Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY448 Datasheet(HTML) 2 Page - Vishay Siliconix

  BY448_10 Datasheet HTML 1Page - Vishay Siliconix BY448_10 Datasheet HTML 2Page - Vishay Siliconix BY448_10 Datasheet HTML 3Page - Vishay Siliconix BY448_10 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 86006
148
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Rev. 1.7, 09-Aug-10
BY448 , BY458
Vishay Semiconductors
Standard Avalanche Sinterglass
Diode
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typ. Thermal Resistance vs. Lead Length
Fig. 2 - Forward Current vs. Forward Voltage
Fig. 3 - Max. Average Forward Current vs. Ambient Temperature
Fig. 4 - Reverse Current vs. Junction Temperature
Fig. 5 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 6 - Diode Capacitance vs. Reverse Voltage
0
20
40
80
60
100
120
15
10
5
0
202530
l - Lead Length (mm)
949101
ll
T
L = constant
0.001
0.01
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
16417
VF - Forward Voltage (V)
T
j = 150 °C
T
j = 25 °C
0
0.5
1.0
1.5
2.0
2.5
16418
075
50
25
125
100
150
Tamb - Ambient Temperature (°C)
V
R = VRRM
half sine wave
R
thJA = 45 K/W
l = 10 mm
R
thJA = 100 K/W
PCB: d = 25 mm
1
10
100
1000
25
50
75
100
125
150
16419
Tj - Junction Temperature (°C)
V
R = VRRM
0
50
100
150
200
250
300
350
400
25
50
75
100
125
150
16420
Tj - Junction Temperature (°C)
V
R = VRRM
P
R - Limit at 100 % VR
P
R - Limit at 80 % VR
0
5
10
15
20
25
30
35
0.1
1
10
100
16421
VR - Reverse Voltage (V)
f = 1 MHz


Similar Part No. - BY448_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY448 VISHAY-BY448_15 Datasheet
117Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 27-Aug-12
More results

Similar Description - BY448_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com