Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6581CL Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA6581CL
Description  Fan Motor Driver BTL Driver Single-Phase Full-Wave
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6581CL Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA6581CL_09 Datasheet HTML 1Page - Sanyo Semicon Device LA6581CL_09 Datasheet HTML 2Page - Sanyo Semicon Device LA6581CL_09 Datasheet HTML 3Page - Sanyo Semicon Device LA6581CL_09 Datasheet HTML 4Page - Sanyo Semicon Device LA6581CL_09 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
30409 MS / 30707 MS PC 20070129-S00001 No.A0706-1/4
LA6581CL
Overview
The LA6581CL is a low-saturation BTL output linear driving motor driver for single-phase bipolar fan motors. It features
quite, low power, high efficiency drive that suppresses reactive current. It is optimum for the notebook PC, consumer
equipment power supply, car audio system, CPU cooler, etc. that require high reliability and low noise.
Functions
• Single-phase full-wave linear drive with BTL output (gain resistance 500Ω to 284kΩ, 55dB) : Suitable for the equipment
requiring silent operation, such as game equipment, CPU cooler, etc. because of its freedom from switching noise.
• Low-voltage operation possible, with wide operable voltage range (3 to 16V)
• Low saturation output (Upper + lower saturation voltage : VOsat (total) = 0.3V typ, IO = 100mA) : High coil efficiency
with low current drain. IC itself does not generate much heat.
• High impedance of Hall input pin
• FG output (rotation speed detection output : open collector output)
• Heat protection circuit : When the large current flows because of output short-circuit, raising the IC chip temperature
above 180
°C, the heat protection circuit suppresses the drive current, preventing IC burn and breakdown.
• Ultraminiature package (ECSP2828-10 : 2.8mm×2.8mm×0.8mm typ) : Small substrate while allowing larger blades.
Monolithic Linear IC
Fan Motor Driver
BTL Driver Single-Phase Full-Wave
Ordering number : ENA0706A


Similar Part No. - LA6581CL_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL Datasheet
66Kb / 5P
   Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results

Similar Description - LA6581CL_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581M SANYO-LA6581M Datasheet
72Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581U SANYO-LA6581U Datasheet
71Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6586T SANYO-LA6586T Datasheet
124Kb / 8P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
LA6581T SANYO-LA6581T_09 Datasheet
75Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6583M SANYO-LA6583M Datasheet
96Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6587T SANYO-LA6587T_11 Datasheet
100Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6584 SANYO-LA6584 Datasheet
85Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6584M ONSEMI-LA6584M Datasheet
92Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com