Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY500-400 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BY500-400
Description  Soft Recovery Fast Switching Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY500-400 Datasheet(HTML) 3 Page - Vishay Siliconix

  BY500-400 Datasheet HTML 1Page - Vishay Siliconix BY500-400 Datasheet HTML 2Page - Vishay Siliconix BY500-400 Datasheet HTML 3Page - Vishay Siliconix BY500-400 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 88544
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 26-Oct-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
BY500-100 thru BY500-800
Vishay General Semiconductor
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Instantaneous Forward Voltage (V)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.1
1
10
100
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle
Percent of Rated Peak Reverse Voltage (%)
0
20
40
60
80
100
0.01
0.1
1
10
T
J = 25 °C
T
J = 50 °C
T
J = 100 °C
Reverse Voltage (V)
1
10
100
5
100
10
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
DO-201AD
0.210 (5.3)
0.190 (4.8)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)


Similar Part No. - BY500-400

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BY500-400 GE-BY500-400 Datasheet
44Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Diode Semiconductor Kor...
BY500-400 DSK-BY500-400 Datasheet
282Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
BY500-400 GOOD-ARK-BY500-400 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Zibo Seno Electronic En...
BY500-400 ZSELEC-BY500-400 Datasheet
84Kb / 2P
   5.0A FAST RECOVERY DIODE
logo
Diotec Semiconductor
BY500-400 DIOTEC-BY500-400 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
More results

Similar Description - BY500-400

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY396 PANJIT-BY396_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
BY500-1000 LUGUANG-BY500-1000 Datasheet
1Mb / 2P
   Soft Recovery Fast Switching Plastic Rectifier
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
68Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
MR850 PANJIT-MR850_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P_V01 Datasheet
79Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
01-Jan-2022
logo
Shenzhen Luguang Electr...
BY500-50 LUGUANG-BY500-50 Datasheet
369Kb / 2P
   Soft Recovery Fast Switching Plastic Rectifier
logo
Vishay Siliconix
BY500-100 VISHAY-BY500-100_V01 Datasheet
74Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
02-Oct-12
logo
General Semiconductor
BY500-100 GE-BY500-100 Datasheet
44Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com