Selected language     English  ▼


LA7217_11 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA7217_11
Description  Synchronizing Signal Separator with AFC and Sync Detector
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 3 page
background image
LA7217,LA7217M
No.3804-3/4
Block Diagram
1
NC
2
VIDEO IN
3
F.B CLAMP
4
SYNC OUT
5
VD OUT
6
GND
7
EXC
SYNC
SEP
V.SEP
COUNT
DOWN
LOCK
DET
AFC
14
13
12
11
10
9
8
32fH
VCO
NC
VCC
AFC CTL
VCO OUT
VCO IN
HD OUT
DET OUT
Test Circuit
1
NC
2
3
4
5
6
7
SYNC
SEP
V.SEP
COUNT
DOWN
LOCK
DET
AFC
14
13
12
11
10
9
8
32fH
VCO
NC
0.056
μF
150k
Ω
1
μF
75
Ω
SW1
ATT
SG
VCC
SW2
2.5V
a
b
10k
Ω
560
Ω
820pF
CSB
500F9
3.9k
Ω
1
μF
0.01
μF
A
VCC=5V
Murata




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl