Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA7784 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA7784
Description  Downconverter IC for Digital CATV
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7784 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA7784 Datasheet HTML 1Page - Sanyo Semicon Device LA7784 Datasheet HTML 2Page - Sanyo Semicon Device LA7784 Datasheet HTML 3Page - Sanyo Semicon Device LA7784 Datasheet HTML 4Page - Sanyo Semicon Device LA7784 Datasheet HTML 5Page - Sanyo Semicon Device LA7784 Datasheet HTML 6Page - Sanyo Semicon Device LA7784 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA7784
No. 8386-2/7
AC Characteristics at Ta = 25
°C, VCC = 3.3V
Ratings
Parameter
Symbol
Pin No.
Conditions
min
typ
max
Unit
Circuit current
Itotal
8, 14, 19, 20, 21, 22, 26, 27
No Signal
80
105
130
mA
RF input frequency range
f(RF)
23, 24
fc:-3dB
50
150
MHz
RF AGC range
GR1
26, 27
V
9 = 2.5 to 0V
45
53
dB
Mixer conversion gain
CG1
26/23, 24
27/23, 24
V
9 = 2.5V
19
22
25
dB
Mixer inter modulation 1
IM3 1
26/23, 24
27/23, 24
Input = 75dB
µ
V
9 = 2.5V
40
50
dB
IF input frequency range
f(IF)
4, 5
fc:-3dB
30
100
MHz
IF amplifier gain
G(AGC)
12/4, 5
13/4, 5
V
9 = 2.5V
51
55
59
dB
IF inter modulation 2
IM3 2
12/4, 5
13/4, 5
Output = 110dB
µ
40
50
dB
Range
GR2
12, 13
IF Output Level < ±1dB
3
5
dB
IF AGC output level
V
o(IF) 1
12
Single output
1.0
V
p-p
IF output level
V
o(IF) 2
13
Single output
1.0
V
p-p
Package Dimensions
unit: mm
3222A


Similar Part No. - LA7784

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
   Downconverter IC for Digital CATV
July, 2013
logo
Sanyo Semicon Device
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
   For Digital CATV Down Converter IC
More results

Similar Description - LA7784

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
   Downconverter IC for Digital CATV
July, 2013
logo
Sanyo Semicon Device
LA7780M SANYO-LA7780M Datasheet
242Kb / 9P
   QPSK Downconverter for CATV Systems
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
   For Digital CATV Down Converter IC
logo
NEC
UPC2798GR NEC-UPC2798GR Datasheet
160Kb / 24P
   IF DOWN CONVERTOR IC FOR DIGITAL CATV
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Panasonic Semiconductor
DN8522S PANASONIC-DN8522S Datasheet
34Kb / 3P
   Prescaler IC for CATV
logo
ANADIGICS, Inc
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
TriQuint Semiconductor
TQ5M31 TRIQUINT-TQ5M31 Datasheet
229Kb / 16P
   3V Downconverter Mixer IC
logo
Sanyo Semicon Device
LA8123TT SANYO-LA8123TT Datasheet
89Kb / 7P
   Monolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier
logo
ANADIGICS, Inc
ACD2204 ANADIGICS-ACD2204 Datasheet
350Kb / 20P
   CATV/TV/Video Downconverter with Dual Synthesizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com